Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM8108 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM8108
Description  8 port 10/100M Fast Ethernet Switching Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM8108 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DM8108
8 port 10/100M Fast Ethernet Switching Controller
Preliminary
11
Version: DM8108-DS-P02
November 25, 1999
Packet Routing
As any port in the DM8108 receives a packet, the DM8108
will put the received data in the receiving buffer and start the
address recognition at same time.
1.
If the destination address is pointed to a local port
other than receiving port, the DM8108 will update the
Transmit Descriptor of the target port with the buffer
location and byte count information and wait for
transmission.
2.
If the destination address is pointed to a port located in
other devices, the DM8108 will update the
Transmit Descriptor of the expansion port with the
receiving buffer location and byte count information
and wait for transmission.
3.
I
f the destination address is not found in the Address
Table, the DM8108 will update all the Transmit
Descriptors, except the one of the receiving port, for
transmission.
4.
For the Multicast/Broadcast addresses, the DM8108
simply updates all the Transmit Descriptors, except
the one of the receiving port or the ports that are
disabled, for Transmission.
5.
For bad packet, the DM8108 simply discards it.
6.
If the receiving buffer or the Transmit Descriptor for a
particular port is full, the packet will be lost.
Network Management Features
The DM8108 is targeted for the non-managed Ethernet
Switching application. No management functions provided.
DRAM Interface
The DM8108 interfaces to 1M or 2M bytes of SGRAM or
SDRAM. The DRAM is used to store incoming packets as
well as he address table and Transmit Descriptors. The
DRAM can operate at up to 90MHz. One 256kx32 or
512kx16 SGRAM are required respectively for 1M or 2M
shared memory size.
Expansion Bus
The expansion bus contains Receive Port and Transmit
Port. Each port is 4-bit wide.
The Receive Port takes the incoming packet into a FIFO
that has to be distributed to the Receiving Buffer
immediately. At the same time, the DM8108 will check the
destination and source addresses to determine the target
port and update the Address Table if necessary.
The Transmit Port is dedicated for transferring packets out
to other switching members if the Transmit Descriptor for
this port saying the transmission is pending.
Total of 8-DM8108 can be cascaded for a 64-port switching
system.


Similar Part No. - DM8108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
   6-Bit Unified Bus Comparator
logo
Texas Instruments
DM8147BCIS0 TI1-DM8147BCIS0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
DM8147SCIS0 TI1-DM8147SCIS0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
logo
Fairchild Semiconductor
DM81LS95 FAIRCHILD-DM81LS95 Datasheet
71Kb / 7P
   3-STATE Octal Buffer
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
More results

Similar Description - DM8108

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9620I DAVICOM-DM9620I_1 Datasheet
57Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
Davicom Semiconductor, ...
DM9621 DAVICOM-DM9621 Datasheet
476Kb / 66P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620 DAVICOM-DM9620 Datasheet
455Kb / 71P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9621ANP DAVICOM-DM9621ANP Datasheet
58Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I Datasheet
447Kb / 71P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
   3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com