Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM8108 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM8108
Description  8 port 10/100M Fast Ethernet Switching Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM8108 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DM8108
8 port 10/100M Fast Ethernet Switching Controller
Preliminary
7
Version: DM8108-DS-P02
November 25, 1999
Pin Description (continued)
Please refer to the “Strap pin default value after reset section” for the detail description of the
Strap pins.
DRAM Interface
Pin No.
Pin Name
I/O
Description
139 – 146,
148 – 155,
157 – 164,
166 – 173
MD(31:0)
I/O
DRAM data lines 31 – 0
183 – 184,
186 – 189,
191 – 195
MA(10:0)
I/O
DRAM address lines 10-0; strap pins during reset
MA9: 0= enable limit4, 1=disbale limit 4
MA8: DRAM size selection; 0= 1M, 1=2M
MA7-0: Auto-negotiation enable for port 7-0; 0= enabled
177
SRAS*
O
Row address strobe for SDRAM
178
SDCAS*
O
Column address strobe for SDRAM
180
SDWE*
O
Write cycle indication, internally pulled up
182
SDQM
O
Data Mask for SDRAM
179
SDCS*
O
Chip select for SDRAM
Expansion Bus
Pin No.
Pin Name
I/O
Description
204
RXDVCLK
I/O
Expansion port’s receiving data valid
208 – 205
RXD8[3:0]
I/O
Expansion port’s receive data input
197
TXENCLK
I/O
Expansion port’s transmit enable output
202 – 199
TXD8[3:0]
I/O
Expansion port’s transmit data output
Strap pins during reset:
TXD8[2:0] = device # setting
TXD8[3]
= dram timing
LED Interface
Pin No.
Pin Name
I/O
Description
2
LEDCLK
O
LED data clock
4
LEDD
O
LED data: active low. Data stream that contains LED indicators per
port. The data is shifted out and should be qualified by LDSTB* to
clock into external registers to drive LEDs.
Strap pin during reset:
0: expansion port with fast speed
1: expansion port with lower apees
3
LDSTB
I/O
LED data strobe: active high. Used to strobe the LD into an external
register
Strap pin during reset:
0: force link
1: link detection through serial MII


Similar Part No. - DM8108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
   6-Bit Unified Bus Comparator
logo
Texas Instruments
DM8147BCIS0 TI1-DM8147BCIS0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
DM8147SCIS0 TI1-DM8147SCIS0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
logo
Fairchild Semiconductor
DM81LS95 FAIRCHILD-DM81LS95 Datasheet
71Kb / 7P
   3-STATE Octal Buffer
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
More results

Similar Description - DM8108

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9620I DAVICOM-DM9620I_1 Datasheet
57Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
Davicom Semiconductor, ...
DM9621 DAVICOM-DM9621 Datasheet
476Kb / 66P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620 DAVICOM-DM9620 Datasheet
455Kb / 71P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9621ANP DAVICOM-DM9621ANP Datasheet
58Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I Datasheet
447Kb / 71P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
   3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com