Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL148BDA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # JL148BDA
Description  Quad 741 Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

JL148BDA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  JL148BDA Datasheet HTML 1Page - National Semiconductor (TI) JL148BDA Datasheet HTML 2Page - National Semiconductor (TI) JL148BDA Datasheet HTML 3Page - National Semiconductor (TI) JL148BDA Datasheet HTML 4Page - National Semiconductor (TI) JL148BDA Datasheet HTML 5Page - National Semiconductor (TI) JL148BDA Datasheet HTML 6Page - National Semiconductor (TI) JL148BDA Datasheet HTML 7Page - National Semiconductor (TI) JL148BDA Datasheet HTML 8Page - National Semiconductor (TI) JL148BDA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM148JAN
Quad 741 Op Amps
General Description
The LM148 is a true quad LM741. It consists of four inde-
pendent, high gain, internally compensated, low power op-
erational amplifiers which have been designed to provide
functional characteristics identical to those of the familiar
LM741 operational amplifier. In addition the total supply
current for all four amplifiers is comparable to the supply
current of a single LM741 type op amp. Other features
include input offset currents and input bias current which are
much less than those of a standard LM741. Also, excellent
isolation between amplifiers has been achieved by indepen-
dently biasing each amplifier and using layout techniques
which minimize thermal coupling.
The LM148 can be used anywhere multiple LM741 or
LM1558 type amplifiers are being used and in applications
where amplifier matching or high packing density is required.
Features
n
741 op amp operating characteristics
n
Class AB output stage — no crossover distortion
n
Pin compatible with the LM124
n
Overload protection for inputs and outputs
n
Low supply current drain:
0.6 mA/Amplifier
n
Low input offset voltage:
1 mV
n
Low input offset current:
4 nA
n
Low input bias current
30 nA
n
High degree of isolation between amplifiers:
120 dB
n
Gain bandwidth product (unity gain):
1.0 MHz
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DESCRIPTION
JL148BCA
JM38510/11001BCA
J14A
14LD CERDIP
JL148BDA
JM38510/11001BDA
W14B
14LD CERPACK
JL148BZA
JM38510/11001BZA
WG14A
14LD Ceramic SOIC
JL148SCA
JM38510/11001SCA
J14A
14LD CERDIP
JL148SDA
JM38510/11001SDA
W14B
14LD CERPACK
Connection Diagram
20122702
Top View
See NS Package Number J14A, W14B, WG14A
February 2005
© 2005 National Semiconductor Corporation
DS201227
www.national.com


Similar Part No. - JL148BDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL148BCA TI1-JL148BCA Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
More results

Similar Description - JL148BDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
logo
Texas Instruments
LM348-N TI-LM348-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com