Electronic Components Datasheet Search |
|
IDT70V7599S133DR Datasheet(PDF) 7 Page - Integrated Device Technology |
|
IDT70V7599S133DR Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 22 page 6.42 IDT70V7599S High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM Industrial and Commercial Temperature Ranges 7 Recommended Operating Temperature and Supply Voltage(1) Recommended DC Operating Conditions with VDDQ at 2.5V Absolute Maximum Ratings(1) NOTES: 1. Undershoot of VIL > -1.5V for pulse width less than 10ns is allowed. 2. VTERM must not exceed VDDQ + 100mV. 3. To select operation at 2.5V levels on the I/Os and controls of a given port, the OPT pin for that port must be set to VIL (0V), and VDDQX for that port must be supplied as indicated above. NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed VDD + 150mV for more than 25% of the cycle time or 4ns maximum, and is limited to < 20mA for the period of VTERM > VDD + 150mV. NOTE: 1. This is the parameter TA. This is the "instant on" case temperature. Grade Ambient Temperature GND VDD Commercial 0OC to +70OC0V 3.3V + 150mV Industrial -40OC to +85OC0V 3.3V + 150mV 5626 tbl 04 Symbol Parameter Min. Typ. Max. Unit VDD Core Supply Voltage 3.15 3.3 3.45 V VDDQ I/O Supply Voltage (3) 2.4 2.5 2.6 V VSS Ground 0 0 0 V VIH Input High Voltage (Address & Control Inputs) 1.7 ____ VDDQ + 100mV (2) V VIH Input High Voltage - I/O (3) 1.7 ____ VDDQ + 100mV (2) V VIL Input Low Voltage -0.3 (1) ____ 0.7 V 5626 tbl 05a Symbol Rating Commercial & Industrial Unit VTERM(2) Terminal Voltage with Respect to GND -0.5 to +4.6 V TBIAS Temperature Under Bias -55 to +125 oC TSTG Storage Temperature -65 to +150 oC IOUT DC Output Current 50 mA 5626 tbl 06 Recommended DC Operating Conditions with VDDQ at 3.3V NOTES: 1. Undershoot of VIL > -1.5V for pulse width less than 10ns is allowed. 2. VTERM must not exceed VDDQ + 150mV. 3. To select operation at 3.3V levels on the I/Os and controls of a given port, the OPT pin for that port must be set to VIH (3.3V), and VDDQX for that port must be supplied as indicated above. Symbol Parameter Min. Typ. Max. Unit VDD Core Supply Voltage 3.15 3.3 3.45 V VDDQ I/O Supply Voltage(3) 3.15 3.3 3.45 V VSS Ground 0 0 0 V VIH Input High Voltage (Address & Control Inputs)(3) 2.0 ____ VDDQ + 150mV(2) V VIH Input High Voltage - I/O(3) 2.0 ____ VDDQ + 150mV(2) V VIL Input Low Voltage -0.3(1) ____ 0.8 V 5626 tbl 05b |
Similar Part No. - IDT70V7599S133DR |
|
Similar Description - IDT70V7599S133DR |