Electronic Components Datasheet Search |
|
LT6700-2 Datasheet(PDF) 8 Page - Linear Technology |
|
LT6700-2 Datasheet(HTML) 8 Page - Linear Technology |
8 / 12 page LT6700-1/LT6700-2/LT6700-3 8 6700123fb TYPICAL PERFOR A CE CHARACTERISTICS Output Short-Circuit Current Propagation Delay vs Input Overdrive Rise and Fall Times vs Output Pull-Up Resistor Noninverting and Inverting Comparators’ Propagation Delay Output Saturation Voltage vs Output Sink Current OUTPUT SINK CURRENT (mA) 10 100 0.001 0.1 1 10 6700123 G19 1 0.01 1000 100 TA = –40°C VS = 1.4V VS = 5V VS = 12V VS = 18V Output Saturation Voltage vs Output Sink Current Output Saturation Voltage vs Output Sink Current OUTPUT SINK CURRENT (mA) 10 100 0.001 0.1 1 10 6700123 G20 1 0.01 1000 100 TA = 25°C VS = 1.4V VS = 5V VS = 12V VS = 18V OUTPUT SINK CURRENT (mA) 10 100 0.001 0.1 1 10 6700123 G21 1 0.01 1000 100 TA = 85°C VS = 1.4V VS = 5V VS = 12V VS = 18V OUTPUT VOLTAGE (V) 0 40 50 60 6700123 G22 30 20 24 16 14 18 6 810 12 10 80 70 0 TA = 25°C TA = 85°C TA = 125°C TA = –55°C VS = 5V Output Short-Circuit Current Output Leakage Current OUTPUT VOLTAGE (V) 0 40 50 60 6700123 G23 30 20 24 16 14 18 6 810 12 10 80 70 0 TA = 25°C VS = 1.4V VS = 5V VS = 12V VS = 18V OUTPUT VOLTAGE (V) 0.01 0.1 1 10 0 8 10 12 14 16 0.001 246 18 6700123 G24 TA = 25°C TA = 85°C TA = 125°C TA = –55°C VS = 5V INPUT OVERDRIVE (mV) 0 30 40 50 60 80 6700123 G25 20 10 0 20 40 60 100 LH NONINV HL NONINV LH INV HL INV TA = 25°C OUTPUT PULL-UP RESISTOR (k Ω) 0.1 0.01 1 100 1 10 100 1000 6700123 G26 0.1 10 VS = 5V CL = 20pF TA = 25°C RISE FALL VO(NINV) 5V/DIV DC VO(INV) 5V/DIV DC VIN 10mV/DIV AC VS = 5V 20 µs/DIV 67000123 G27 TA = 25°C RLOAD = 10k CONNECTED TO VS VIN(OVERDRIVE) = 10mV OVER THE INPUT VOLTAGE THRESHOLDS |
Similar Part No. - LT6700-2 |
|
Similar Description - LT6700-2 |