Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT109 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HCT109
Description  Dual J-K Flip-Flops with Preset and Clear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HCT109 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HCT109 Datasheet HTML 1Page - National Semiconductor (TI) MM74HCT109 Datasheet HTML 2Page - National Semiconductor (TI) MM74HCT109 Datasheet HTML 3Page - National Semiconductor (TI) MM74HCT109 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
50
30
MHz
Frequency
tPHL tPLH Maximum Propagation
18
30
ns
Delay from Clock to Q or Q
tPHL tPLH Maximum Propagation
18
30
ns
Delay from Preset or Clear to Q or Q
tREM
Minimum Removal Time
20
ns
Preset or Clear to Clock
tS
Minimum Setup Time
10
20
ns
JorK Clock
tH
Minimum Hold Time
b
30
ns
Clock to J or K
tW
Minimum Pulse Width
8
16
ns
Clock Preset or Clear
AC Electrical Characteristics VCCe50V g10% CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HCT
54HCT
Symbol
Parameter
Conditions
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
27
22
18
MHz
Frequency
tPHL tPLH
Maximum Propagation
22
35
44
52
ns
Delay from Clock to
QorQ
tPHL tPLH
Maximum Propagation
22
35
44
52
ns
Delay from Preset
or Clear to Q or Q
tREM
Minimum Removal Time
20
25
30
ns
Preset or Clear to Clock
tS
Minimum Setup Time
10
20
25
30
ns
JorK to Clock
tH
Minimum Hold Time
b
30
0
0
ns
Clock to J or K
tW
Minimum Pulse Width
16
20
24
ns
Clock Preset or Clear
tr tf
Maximum Input Rise and
500
500
500
ns
Fall Time
tTHL tTLH
Maximum Output
15
19
22
ns
Rise and Fall Time
CPD
Power Dissipation
(per flip-flop)
35
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3


Similar Part No. - MM74HCT109

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HCT112 NSC-MM74HCT112 Datasheet
181Kb / 3P
   Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
MM74HCT138 FAIRCHILD-MM74HCT138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
MM74HCT138M FAIRCHILD-MM74HCT138M Datasheet
73Kb / 7P
   3-to-8 Line Decoder
MM74HCT138MTC FAIRCHILD-MM74HCT138MTC Datasheet
73Kb / 7P
   3-to-8 Line Decoder
MM74HCT138N FAIRCHILD-MM74HCT138N Datasheet
73Kb / 7P
   3-to-8 Line Decoder
More results

Similar Description - MM74HCT109

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
   Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
   Dual J-K Flip-Flops with Clear and Preset
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
   Dual J-K Flip-Flops with Preset and Clear
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com