Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3986J30R-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD3986J30R-E
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986J30R-E Datasheet(HTML) 2 Page - STMicroelectronics

  LD3986J30R-E Datasheet HTML 1Page - STMicroelectronics LD3986J30R-E Datasheet HTML 2Page - STMicroelectronics LD3986J30R-E Datasheet HTML 3Page - STMicroelectronics LD3986J30R-E Datasheet HTML 4Page - STMicroelectronics LD3986J30R-E Datasheet HTML 5Page - STMicroelectronics LD3986J30R-E Datasheet HTML 6Page - STMicroelectronics LD3986J30R-E Datasheet HTML 7Page - STMicroelectronics LD3986J30R-E Datasheet HTML 8Page - STMicroelectronics LD3986J30R-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LD3986 SERIES
2/12
Table 1: Order Codes
(*) Available on Request.
Table 2: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 3: Thermal Data
Flip-Chip
Flip-Chip (Lead Free)
1 OUTPUT VOLTAGES
2 OUTPUT VOLTAGES
LD3986J122R-E
1.22 V
1.22 V
LD3986J12248R
LD3986J12248R-E
1.22 V
4.8 V
LD3986J1828R-E
1.8 V
2.8 V
LD3986J2528R-E (*)
2.5 V
2.8 V
LD3986J28R-E
2.8 V
2.8 V
LD3986J285R
LD3986J285R-E
2.85 V
2.85 V
LD3986J29R-E (*)
2.9 V
2.9 V
LD3986J30R-E (*)
3.0 V
3.0 V
LD3986J2830R-E (*)
2.8 V
3.0 V
LD3986J3133R-E (*)
3.1 V
3.3 V
LD3986J33R-E
3.3 V
3.3 V
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.3 to 6
V
VO1,2
DC Output Voltage
-0.3 to VI+0.3
V
VEN1,2
ENABLE Input Voltage
-0.3 to VI+0.3
V
IO
Output Current
Internally limited
PD
Power Dissipation
Internally limited
TSTG
Storage Temperature Range
-65 to 150
°C
TOP
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
Flip-Chip
Unit
Rthj-amb
Thermal Resistance Junction-Ambient
120
°C/W


Similar Part No. - LD3986J30R-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3980 STMICROELECTRONICS-LD3980 Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM08R STMICROELECTRONICS-LD3980PM08R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM12R STMICROELECTRONICS-LD3980PM12R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM135R STMICROELECTRONICS-LD3980PM135R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM13R STMICROELECTRONICS-LD3980PM13R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
More results

Similar Description - LD3986J30R-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com