Electronic Components Datasheet Search |
|
NJU7712 Datasheet(PDF) 1 Page - New Japan Radio |
|
NJU7712 Datasheet(HTML) 1 Page - New Japan Radio |
1 / 10 page NJU7712/13 -1 - Ver.2004-01-16 2ch VOLTAGE DETECTOR ! GENERAL DESCRIPTION ! PACKAGE OUTLINE The NJU7712/13 is a 2ch low quiescent current voltage detector featuring high precision detection voltage. The detection voltage is fixed internally with an accuracy of 1.0%. NJU7712 is Nch. Open Drain and NJU7713 of output circuit form is a C-MOS output. ! FEATURES " High Precision detection Voltage ±1.0% " Low Quiescent Current 0.8 µA(per 1ch) " Detection Voltage Range 1.5 ∼ 6.0V(0.1V step) It applies only to 1ch(Over Voltage Detect). 1.3 ∼ 6.0V(0.1V step) It applies only to 2ch(Low Voltage Detect). " 1ch: Over Voltage Detect, 2ch: Low Voltage Detect " Output Circuit Form NJU7712: Nch. Open Drain Type NJU7713: C-MOS Output Type " CMOS Technology " Package Outline SOT-23-5 (MTP5) / SC88A ! PIN CONFIGURATION ! EQUIVALENT CIRCUIT VDD2 VDD1 VSS VOUT2 Vref VOUT1 Vref VOUT2 Vref VOUT1 Vref VDD2 VDD1 VSS NJU7712/13F NJU7712/13F3 PIN FUNCTION 1. VOUT1 2. VSS 3. VDD1 4. VDD2 5. VOUT2 NJU771*F/F3 1 2 3 4 5 1 2 3 4 5 NJU7712 NJU7713 |
Similar Part No. - NJU7712 |
|
Similar Description - NJU7712 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |