|
| NST3904DXV6T1 |
|
||
|
ONSEMI |
|
4 page
NST3904DXV6T1, NST3904DXV6T5 http://onsemi.com 4 TYPICAL TRANSIENT CHARACTERISTICS Figure 3. Capacitance REVERSE BIAS VOLTAGE (VOLTS) 2.0 3.0 5.0 7.0 10 1.0 0.1 1.0 2.0 3.0 5.0 7.0 10 20 30 40 0.2 0.3 0.5 0.7 Cibo Cobo TJ = 25°C TJ = 125°C Figure 4. Turn - On Time IC, COLLECTOR CURRENT (mA) 70 100 200 300 500 50 Figure 5. Rise Time IC, COLLECTOR CURRENT (mA) 1.0 2.0 3.0 10 20 70 5 100 Figure 6. Storage Time IC, COLLECTOR CURRENT (mA) Figure 7. Fall Time IC, COLLECTOR CURRENT (mA) 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 VCC = 40 V IC/IB = 10 VCC = 40 V IB1 = IB2 IC/IB = 20 IC/IB = 10 IC/IB = 10 tr @ VCC = 3.0 V td @ VOB = 0 V 40 V 15 V 2.0 V IC/IB = 10 IC/IB = 20 IC/IB = 10 IC/IB = 20 t′s = ts − 1/8 tf IB1 = IB2 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UMZ1N | General purpose transistor dual transistors | 1 2 3 4 5 | Rohm |
| 2N3209DCSM | DUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE | 1 2 | Seme LAB |
| LMBT3904DW1T1 | Dual General Purpose Transistor | 1 2 3 4 5 More | Leshan Radio Company |
| NST3946DXV6T1 | Dual General Purpose Transistor | 1 2 3 4 5 More | ON Semiconductor |
| MBT3946DW | Dual General Purpose Transistor | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MBT2907ADW | Dual General Purpose Transistor PNP+PNP Silicon | 1 2 3 4 5 | Weitron Technology |
| MBT3904DW | Dual General Purpose Transistor NPN+NPN Silicon | 1 2 3 4 5 More | Weitron Technology |
| IMT17 | General purpose transistor isolated dual transistors | 1 2 3 | Rohm |
| MBT3906DW | Dual General Purpose Transistor PNP+PNP Silicon | 1 2 3 4 5 More | Weitron Technology |
| NST3946DW1T1 | Dual General Purpose Transistor | 1 2 3 4 5 More | ON Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |