Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6700IS6-3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6700IS6-3
Description  Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700IS6-3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6700IS6-3 Datasheet HTML 4Page - Linear Technology LT6700IS6-3 Datasheet HTML 5Page - Linear Technology LT6700IS6-3 Datasheet HTML 6Page - Linear Technology LT6700IS6-3 Datasheet HTML 7Page - Linear Technology LT6700IS6-3 Datasheet HTML 8Page - Linear Technology LT6700IS6-3 Datasheet HTML 9Page - Linear Technology LT6700IS6-3 Datasheet HTML 10Page - Linear Technology LT6700IS6-3 Datasheet HTML 11Page - Linear Technology LT6700IS6-3 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT6700-1/LT6700-2/LT6700-3
11
6700123fb
APPLICATIO S I FOR ATIO
LT6700-1
VS
10k
GND
1
5
+INA
–INB OUTB
OUTA
2
6
3
4
100k*
100k*
0.22
µF††
+
412k*
10k**
470
Lithium
COIN CELL
10k
10k
750
10k
750**
3V/5V
3V/5V
∆Σ
SAMPLE
IN
MOC-207
MOC-207**
PWM OUT
(OR
∆Σ SENSE)
2
1
5
6
5
6
2
1
0.1
µF
0.1
µF
3V NOM (IS < 3mA)
5 • VREF = 2V
6700123 F03
22
µF
1% METAL FILM
DELETE FOR PWM MODE
CONNECT FOR PWM MODE
OPTIMIZED FOR 2kHz
∆Σ SAMPLING, fPWM(MAX) ≈ 0.6kHz
*
**
††
309k*
NC7S14
309k*
VIN
0V TO 2V
+
Figure 3. Isolated PWM or
∆Σ Converter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIO S I FOR ATIO
ence, rather like an isolated instrumentation amplifier. The
section B comparator is used to generate a 2V reference
supply level for the CMOS NOT gate (inverter), which
serves as the precision switch element for the charge
balancer. The heart of the charge balancer is the section A
comparator, which is detecting slight charge or discharge
states on the 0.22
µF “integration” capacitor as it remains
balanced at
≈400mV by feedback through the NOT gate.
The input sense voltage, VIN, is converted to an imbalance
current that the NOT gate duty cycle is continually correct-
ing for, thus the digital waveform at the section A com-
parator output is a PWM representation of VIN with respect
to the 2V “full scale.” In this particular circuit, the PWM
information drives the LED of an optocoupler, allowing the
VIN information to be coupled across a dielectric barrier.
As an additional option to the circuit, the feedback loop can
be broken and a second optocoupler employed to provide
the charge balance management. This configuration al-
lows for clocking the comparator output (externally to this
circuit) and providing synchronous feedback such that a
simple
∆Σvoltage-to-frequencyconversioncanbeformed
if desired. Approximately 11-bit accuracy and noise per-
formance was observed in a one second integration period
for duty factors from 1% to 99%.


Similar Part No. - LT6700IS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700IS6-3 LINER-LT6700IS6-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700IS6-3-TRMPBF LINER-LT6700IS6-3-TRMPBF Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700IS6-3-TRMPBF LINER-LT6700IS6-3-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700IS6-3-TRPBF LINER-LT6700IS6-3-TRPBF Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700IS6-3-TRPBF LINER-LT6700IS6-3-TRPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700IS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com