Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12A256MFU Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9S12A256MFU
Description  Microcontroller Unit (MCU)
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A256MFU Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S12A256MFU Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S12A256MFU Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
MC9S12DT256 Device User Guide — V03.07
8
6.1
CPU12 Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
6.2
HCS12 Module Mapping Control (MMC) Block Description . . . . . . . . . . . . . . . . . . . . . .79
6.2.1
Device specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
6.3
HCS12 Multiplexed External Bus Interface (MEBI) Block Description . . . . . . . . . . . . . .79
6.3.1
Device specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
6.4
HCS12 Interrupt (INT) Block description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
6.5
HCS12 Background Debug (BDM) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . .79
6.6
HCS12 Breakpoint (BKP) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80
Section 7 Clock and Reset Generator (CRG) Block Description
7.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80
7.1.1
XCLKS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80
Section 8 Enhanced Capture Timer (ECT) Block Description
Section 9 Analog to Digital Converter (ATD) Block Description
Section 10 Inter-IC Bus (IIC) Block Description
Section 11 Serial Communications Interface (SCI) Block Description
Section 12 Serial Peripheral Interface (SPI) Block Description
Section 13 J1850 (BDLC) Block Description
Section 14 Pulse Width Modulator (PWM) Block Description
Section 15 Flash EEPROM 256K Block Description
Section 16 EEPROM 4K Block Description
Section 17 RAM Block Description
Section 18 MSCAN Block Description
Section 19 Port Integration Module (PIM) Block Description
Section 20 Voltage Regulator (VREG) Block Description


Similar Part No. - MC9S12A256MFU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A256 MOTOROLA-MC9S12A256 Datasheet
2Mb / 130P
   MC9S12DT256 Device User Guide V03.03
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
1Mb / 96P
   microcontroller unit (MCU)
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
781Kb / 132P
   Device User Guide V03.07
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
787Kb / 132P
   Device User Guide V03.07
MC9S12A256B FREESCALE-MC9S12A256B Datasheet
3Mb / 126P
   device made up of standard HCS12 blocks and the HCS12 processor core
More results

Similar Description - MC9S12A256MFU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
1Mb / 128P
   microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12DP512 FREESCALE-MC9S12DP512 Datasheet
2Mb / 124P
   Microcontroller Unit (MCU)
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
1Mb / 96P
   microcontroller unit (MCU)
logo
Renesas Technology Corp
H83003 RENESAS-H83003 Datasheet
1Mb / 715P
   microcontroller (MCU)
HD6413003RF RENESAS-HD6413003RF Datasheet
1Mb / 715P
   Microcontroller (MCU)
logo
Hitachi Semiconductor
HD6805V1 HITACHI-HD6805V1 Datasheet
609Kb / 21P
   MCU MICROCOMPUTER UNIT
HD65901 HITACHI-HD65901 Datasheet
1Mb / 89P
   MCU(MICROCOMPUTER UNIT)
HD6801S0 HITACHI-HD6801S0 Datasheet
1Mb / 35P
   MCU ( MICROCOMPUTER UNIT )
HD6805W1 HITACHI-HD6805W1 Datasheet
879Kb / 28P
   MCU MICROCOMPUTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com