Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16704P Datasheet(PDF) 10 Page - NEC

Part # UPD16704P
Description  240-OUTPUT TFT-LCD GATE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704P Datasheet(HTML) 10 Page - NEC

Back Button UPD16704P Datasheet HTML 6Page - NEC UPD16704P Datasheet HTML 7Page - NEC UPD16704P Datasheet HTML 8Page - NEC UPD16704P Datasheet HTML 9Page - NEC UPD16704P Datasheet HTML 10Page - NEC UPD16704P Datasheet HTML 11Page - NEC UPD16704P Datasheet HTML 12Page - NEC UPD16704P Datasheet HTML 13Page - NEC UPD16704P Datasheet HTML 14Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet S15809EJ1V0DS
10
µµµµ PD16704
5. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C, VSS = 0 V)
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VDD1
–0.5 to +7.0
V
Driver Positive Supply Voltage
VDD2
–0.5 to +28
V
Power Supply Voltage
VDD2 to VEE1, VEE2
–0.5 to +42
V
Internal Operation Negative Supply Voltage
VEE1
–16 to + 0.5
V
Driver Negative Supply Voltage
VEE2
VEE1 – 0.3 to VEE1 + 7.0
V
Input Voltage
VI
–0.5 to VDD1 + 0.5
V
Operating Ambient Temperature
TA
–30 to +85
°C
Storage Temperature
Tstg
–55 to +125
°C
Caution
Product qualify may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA = –30 to +85
°C, VSS = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Supply Voltage
VDD1
3.0
3.3
3.6
V
Driver Positive Supply Voltage
VDD2
15
23
25
V
Internal Operation Negative Supply Voltage
VEE1
–15
–10
–5.0
V
Power Supply Voltage
VDD2 to VEE1
20
33
40
V
VEE2 to VEE1
06.0
V
Clock Frequency
fCLK
500
kHz
Electrical Characteristics (TA = –30 to +85
°C, VDD1 = 3.3 V ±±±±0.3 V, VDD2 = 23 V, VEE1 = VEE2 = –10 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-level Input Voltage
VIH
0.8 VDD1
VDD1
V
Low-level Input Voltage
VIL
CLK, STV, R,/L, OE
VSS
0.2 VDD1
V
LCD Driver Output ON Resistance
RON
VOUT = VEE2 + 1.0 V, or
VDD2 – 1.0 V
2.0
k
Input Leak Current
IIL
VI = 0 V or 3.6 V,
±1.0
µA
Dynamic Current Dissipation
IDD1
VDD1, fCLK = 50 kHz,
fSTV = 60 Hz, No load
1000
µA
IDD2
VDD2, fCLK = 50 kHz,
fSTV = 60 Hz, No load
100
µA
IEE
VEE1, fCLK = 50 kHz,
fSTV = 60 Hz, No load
−1000
µA


Similar Part No. - UPD16704P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16704P RENESAS-UPD16704P Datasheet
214Kb / 16P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD16704P

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
   240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
   300-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com