Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7599S166BCI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70V7599S166BCI
Description  HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7599S166BCI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70V7599S166BCI Datasheet HTML 5Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 6Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 7Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 8Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 9Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 10Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 11Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 12Page - Integrated Device Technology IDT70V7599S166BCI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
IDT70V7599S
High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(5) (VDD = 3.3V ± 150mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ).
5.
CEX = VIL means CE0X = VIL and CE1X = VIH
CEX = VIH means CE0X = VIH or CE1X = VIL
CEX < 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V
CEX > VCC - 0.2V means CE0X > VCC - 0.2V or CE1X < 0.2V
"X" represents "L" for left port or "R" for right port.
70V 7599S200 (7)
Com 'l O nly
70V 7599S166 (6)
Com 'l
& Ind
70V 7599S133
Com 'l
& Ind
Sym bol
Param eter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dy nam ic O p e rating
C urre nt (B o th
Po rts Ac tiv e )
CEL and CER= V IL,
O utp uts Disab le d ,
f = fMAX (1)
COM 'L
S
815
950
675
790
550
645
mA
IND
S
____
____
675
830
550
675
ISB1
S tand by C urrent
(B o th P o rts - TTL
Le v e l Inp uts )
CEL = CER = VIH
f = fMAX
(1 )
COM 'L
S
340
410
275
340
250
295
mA
IND
S
____
____
275
355
250
310
ISB2
S tand by C urrent
(One P o rt - TTL
Le v e l Inp uts )
CE"A " = VIL and CE"B " = V IH(3)
A c tiv e P o rt Outp uts D isab le d ,
f= fMAX (1)
COM 'L
S
690
770
515
640
460
520
mA
IND
S
____
____
515
660
460
545
ISB3
F ull S tand by C urrent
(B o th P o rts - C M O S
Le v e l Inp uts )
Bo th P o rts CEL and
CER > VDD - 0.2V, VIN > V DD - 0.2V
or V IN < 0.2 V, f = 0 (2)
COM 'L
S
10
30
10
30
10
30
mA
IND
S
____
____
10
40
10
40
ISB4
F ull S tand by C urrent
(One P o rt - CM OS
Le v e l Inp uts )
CE"A " < 0.2V and CE"B " > VDD - 0.2V(3)
V IN > V DD - 0.2V o r V IN < 0.2V
A c tiv e P o rt, O utp uts D isab le d , f = fMAX (1)
COM 'L
S
690
770
515
640
460
520
mA
IND
S
____
____
515
660
460
545
5626 tb l 0 9
6.
166MHz Industrial Temperature not available in BF-208 package.
7. This speed grade available when VDDQ = 3.3.V for a specific port (i.e., OPTx = VIH). This speed grade available in BC-256 package only.


Similar Part No. - IDT70V7599S166BCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V7599S166BCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
IDT70V7589S RENESAS-IDT70V7589S Datasheet
599Kb / 23P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JANUARY 2004
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com