Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60402 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL60402
Description  2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60402 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

  ZL60402 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SIDE VIEW
FRONT VIEW ( 2 : 1 )
BOTTOM VIEW
ISOMETRIC VIEW
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
1
101514 rev1
17-NOV-03
PD\US
101514
TO-56 Package Outline in ST
Connector housing
TD
Projection
Component *
Connector housing (Stainless steel X10CrNiS18-9)
* For details of the component, see separate data sheet and/or package drawing.
n2,501`0,001
A
7,6
i 0.2 A
i 0.02 A
3,85 - 0,05
0
+
6,65
9,4
14,2
17,7
4,38
`1
11,7
`0,6
3/8''-32 UNEF
2-56 UNC - 2B (2x)
n7
n7
r n0.25 A
i 0.2 A
NOTES:-
1. All dimensions in mm.
2. General tol. ±0.1 mm.
16,2
*
* Slot side.


Similar Part No. - ZL60402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TBD ZARLINK-ZL60401TBD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TDD ZARLINK-ZL60401TDD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TED ZARLINK-ZL60401TED Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TFD ZARLINK-ZL60401TFD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
More results

Similar Description - ZL60402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
   1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Optoway Technology Inc
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Optoway Technology Inc
DL-5500S-1650 OPTOWAY-DL-5500S-1650 Datasheet
111Kb / 2P
   1650 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com