Electronic Components Datasheet Search |
|
HLMP-EH57-JJ400 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-EH57-JJ400 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 6 page 2 Part Numbering System HLMP - x x xx - x x x xx Mechanical Options 00: Bulk Packaging DD: Ammo Pack Color Bin Selections 0: No color bin limitation 4: Amber color bin 4 only K: Amber color bins 2 and 4 only Maximum Intensity Bin Minimum Intensity Bin Viewing Angle & Lead Stand Offs 55: 55 deg without lead stand offs; AlInGaP 57: 55 deg without lead stand offs; AlInGaP II Color D: 630 nm Red G: 626 nm Red H: 615/617 nm Red-Orange L: 590/592 Amber Package E: 5 mm Round Device Selection Guide (AlInGaP) Typical Viewing Color and Luminous Angle Dominant Lamps Without Standoffs Intensity Iv (mcd) [1,2] 2 θ1/2 Wavelength on Leads @20 mA (Deg.)[4] (nm), Typ.[3] (Outline Drawing A) Min. Max. 55 ° Amber 590 HLMP-EL55-GK000 140 400 Red-Orange 615 HLMP-EH55-GK000 140 400 Red 626 HLMP-EG55-GK000 140 400 Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. θ 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. Device Selection Guide (AlInGaP II) Typical Viewing Color and Luminous Angle Dominant Lamps Without Standoffs Intensity Iv (mcd) [1,2] 2 θ1/2 Wavelength on Leads @20 mA (Deg.)[4] (nm), Typ.[3] (Outline Drawing A) Min. Max. 55 ° Amber 592 HLMP-EL57-LP000 400 1150 Red-Orange 617 HLMP-EH57-LP000 400 1150 Red 630 HLMP-ED57-LP000 400 1150 |
Similar Part No. - HLMP-EH57-JJ400 |
|
Similar Description - HLMP-EH57-JJ400 |