Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1301-E00DD Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-1301-E00DD
Description  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1301-E00DD Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-1301-E00DD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1301-E00DD Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
T-1 (3 mm) Diffused
LED Lamps
Technical Data
Features
• High Intensity
• Choice of 4 Bright Colors
High Efficiency Red
Orange
Yellow
High Performance Green
• Popular T-1 Diameter
Package
• Selected Minimum
Intensities
• Wide Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
Description
This family of T-1 lamps is widely
used in general purpose indicator
applications. Diffusants, tints, and
optical design are balanced to
yield superior light output and
wide viewing angles. Several
intensity choices are available in
each color for increased design
flexibility.
Package Dimensions
HLMP-1301
HLMP-1401
HLMP-1503
HLMP-K401
HLMP-K600


Similar Part No. - HLMP-1301-E00DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301-G00FG AVAGO-HLMP-1301-G00FG Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - HLMP-1301-E00DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com