Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPZ1608 Datasheet(PDF) 1 Page - TDK Electronics

Part # MPZ1608
Description  EMI countermeasure product for power line
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ1608 Datasheet(HTML) 1 Page - TDK Electronics

  MPZ1608 Datasheet HTML 1Page - TDK Electronics MPZ1608 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
005-02 / 20051003 / e9413_mpz1608.fm
EMC Components
MPZ Series MPZ1608 Type
Ferrite Beads
SMD
Size: JIS/IEC 1608, EIA 0603
TDK has manufactured MPZ2012 type as EMI countermeasure
product for power line, and now maximizes impedance to 600
(at
100MHz) and rated current to 1A, while minimizes Rdc under
150m
as 1608 type.
FEATURES
• This type is the best for energy-saving in the low DC resistance.
• The products contain no lead and also support lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
Noise suppression of personal computers, USB/IEEE1394
interfaces, HDDs, CD-ROMs, DVDs, DSCs, LCD panels, cellular
phones, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Material code
(4) Nominal impedance
221: 220
at 100MHz
(5) Characteristic type
(6) Packaging style
T: Taping
ELECTRICAL CHARACTERISTICS
Please refer to the graph of RATED CURRENT vs. TEMPERATURE
CHARACTERISTICS(DERATING) about the rating current at 85°C or
more in temperature of the product.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RATED CURRENT vs. TEMEPERATURE CHARACTERISTICS
(DERATING)
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(A)max.
Thickness
(T)mm
MPZ1608S300A 30±10
0.01
5
0.6
MPZ1608S600A 60±25%
0.02
3.5
0.6
MPZ1608S101A 100±25%
0.03
3
0.6
MPZ1608S221A 220±25%
0.05
2
0.8
MPZ1608R391A 390±25%
0.12
1.2
0.8
MPZ1608S601A 600±25%
0.15
1
0.8
MPZ1608Y600B 60±25%
0.03
2.3
0.8
MPZ1608Y101B 100±25%
0.05
2.0
0.8
MPZ1608Y151B 150±25%
0.07
1.8
0.8
MPZ1608D300B 30±10
0.07
1.8
0.8
MPZ1608D600B 60±25%
0.12
1.2
0.8
MPZ1608D101B 100±25%
0.15
1.0
0.8
MPZ 1608 S 221 A T
(1)
(2) (3) (4) (5) (6)
Thickness(T)
Weight
0.6±0.15mm
3mg
0.8±0.15mm
4mg
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
4000 pieces/reel
1.6±0.15
0.3±0.2
0.3±0.2
0.8
0.6
0.6
Dimensions in mm
0
1
2
3
4
5
6
–55 –35
–15
5
25
45
65
85
105
125
Temperature(˚C)
S300A
S600A
S101A
Y600B
S601A,D101B
R391A,D600B
SY151B,D330B
S221A,Y101B
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
• Please contact our Sales office when your application are considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MPZ1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1608 TDK-MPZ1608 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608 TDK-MPZ1608 Datasheet
334Kb / 13P
   Chip Beads For power line MPZ series
MPZ1608 TDK-MPZ1608 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ1608 TDK-MPZ1608 Datasheet
307Kb / 7P
   Chip beads For power line MPZ series (for automotive)
20190423
MPZ1608B471A TDK-MPZ1608B471A Datasheet
334Kb / 13P
   Chip Beads For power line MPZ series
More results

Similar Description - MPZ1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1005A151ET000 TDK-MPZ1005A151ET000 Datasheet
127Kb / 10P
   For power line GHz noise countermeasure
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
   EMI countermeasure for spread spectrum IC
logo
TDK Electronics
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
logo
Asahi Kasei Microsystem...
AK8125AE AKM-AK8125AE Datasheet
363Kb / 10P
   EMI Countermeasure Spectrum Scan Diffusion IC
AK8125AV AKM-AK8125AV Datasheet
360Kb / 9P
   EMI Countermeasure Spectrum Scan Diffusion IC
logo
TDK Electronics
MMZ1005AFZ151VT000 TDK-MMZ1005AFZ151VT000 Datasheet
106Kb / 9P
   For general signal line GHz noise countermeasure (general signal line, high-speed signal line)
MMZ1005A102ET000 TDK-MMZ1005A102ET000 Datasheet
156Kb / 10P
   For general signal line GHz noise countermeasure (general signal line, high-speed signal line)
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com