Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8500 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8500
Description  Four Wire Resistive Touchscreen Controller with Brownout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8500 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM8500 Datasheet HTML 2Page - National Semiconductor (TI) LM8500 Datasheet HTML 3Page - National Semiconductor (TI) LM8500 Datasheet HTML 4Page - National Semiconductor (TI) LM8500 Datasheet HTML 5Page - National Semiconductor (TI) LM8500 Datasheet HTML 6Page - National Semiconductor (TI) LM8500 Datasheet HTML 7Page - National Semiconductor (TI) LM8500 Datasheet HTML 8Page - National Semiconductor (TI) LM8500 Datasheet HTML 9Page - National Semiconductor (TI) LM8500 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.0 Pin Descriptions (Continued)
Pinouts for 44- and 48-Pin Packages (Continued)
Pin Name
Direction
Pin Description
44-Pin LLP
44-Pin PLCC
48-Pin TSSOP
LED
Output
Optional LED output, low when
running, high in halt-mode
42
37
41
Unused
2
342
46
Unused
2
443
47
Unused
2
544
48
Note 1: This is available in the LM8500 only.
Note 2: These pins are for future functional expansions.
www.national.com
6


Similar Part No. - LM8500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Texas Instruments
LM8500IMT9B/NOPB TI1-LM8500IMT9B/NOPB Datasheet
440Kb / 26P
[Old version datasheet]   LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
More results

Similar Description - LM8500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
[Old version datasheet]   LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
   S-Touch®enhanced 4-wire resistive touchscreen controller with PWM
February 2011
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
   Resistive touchscreen
logo
Semtech Corporation
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com