Part Name
         Description
2SA1531

 Silicon PNP epitaxial planer type ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 3 page
background image
3
Transistor
2SA1531, 2SA1531A
–1
–3
–10
–30
–100
0
160
120
40
100
140
80
20
60
I
C=–1mA
G
V=80dB
Function=FLAT
4.7k
R
g=100kΩ
22k
Collector to emitter voltage V
CE
(V)
–1
–3
–10
–30
–100
0
300
240
120
180
60
I
C=–1mA
G
V=80dB
Function=FLAT
4.7k
R
g=100kΩ
22k
Collector to emitter voltage V
CE
(V)
– 0.01
– 0.03
– 0.1
– 0.3
–1
0
160
120
40
100
140
80
20
60
V
CE=–10V
G
V=80dB
Function=FLAT
4.7k
R
g=100kΩ
22k
Collector current I
C
(mA)
– 0.01
– 0.03
– 0.1
– 0.3
–1
0
300
240
120
180
60
V
CE=–10V
G
V=80dB
Function=RIAA
4.7k
R
g=100kΩ
22k
Collector current I
C
(mA)
1
3
10
30
100
0
160
120
40
100
140
80
20
60
V
CE=–10V
G
V=80dB
Function=FLAT
– 0.1mA
I
C=–1mA
– 0.5mA
Signal source resistance R
g
(k
Ω)
1
3
10
30
100
0
300
240
120
180
60
V
CE=–10V
G
V=80dB
Function=RIAA
– 0.1mA
I
C=–1mA
– 0.5mA
Signal source resistance R
g
(k
Ω)
NV — VCE
NV — VCE
NV — IC
NV — IC
NV — Rg
NV — Rg
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA1512Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SA1858Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SB0710Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SB726Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SA1532Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SA1890Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SA1533Silicon PNP epitaxial planer type 1 2 3 Panasonic Semiconductor
2SA1961Silicon PNP epitaxial planer type 1 2 Panasonic Semiconductor
2SB1462Silicon PNP epitaxial planer type 1 2 3 Panasonic Semiconductor
2SA1534Silicon PNP epitaxial planer type 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl