Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27241MTC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27241MTC
Description  Synchronous Buck Regulator Controller for Mobile Systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27241MTC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM27241MTC Datasheet HTML 1Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 2Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 3Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 4Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 5Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 6Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 7Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 8Page - National Semiconductor (TI) LM27241MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to SGND/PGND unless
otherwise indicated (Note 2):
VIN
-0.3V to 30V
V5
-0.3V to 7V
VDD
-0.3V to 7V
BOOT
-0.3V to 36V
BOOT to SW
-0.3V to 7V
SW
-0.3V to 30V
ILIM
-0.3V to 30V
SENSE, FB
-0.3V to 7V
PGOOD
-0.3V to 7V
EN
-0.3V to 7V
Power Dissipation (T
A = 25˚C)
(Note 3)
0.75W
Junction Temperature
+150˚C
ESD Rating (Note 4)
2kV
Ambient Storage Temperature
Range
-65˚C to +150˚C
Soldering Dwell Time,
Temperature
Wave
Infrared
Vapor Phase
4 sec, 260˚C
10 sec, 240˚C
75 sec, 219˚C
Operating Ratings (Note 1)
VIN
5.5V to 28V
VDD, V5
4.5V to 5.5V
Junction Temperature
-5˚C to +125˚C
Electrical Characteristics
Specifications with standard typeface are for T
J = 25˚C, and those with boldface apply over full Operating Junction Tempera-
ture range. VDD = V5 = 5V, V
SGND =VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1K unless otherwise stated (Note 5).
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typical
(Note 7)
Max
Units
Reference
V
FB_REG
FB Pin Voltage at
Regualtion
VDD = 4.5V to 5.5V,
VIN = 5.5V to 28V
591
600
609
mV
V
FB_LINE REG
V
FB Line Regulation
VDD = 4.5V to 5.5V,
VIN = 5.5V to 28V
0.5
I
FB
FB Pin Current (sourcing)
V
FB at regulation
20
100
nA
Chip Supply
I
Q_VIN
VIN Quiescent Current
V
FB = 0.7V
100
200
µA
I
SD_VIN
VIN Shutdown Current
V
EN =0V
0
5
µA
I
Q_VDD
VDD Quiescent Current
V
FB= 0.7V
1.75
3
mA
I
SD_VDD
VDD Shutdown Current
V
EN =0V
8
15
µA
I
Q_V5
V5 Normal Operating
Current
V
FB = 0.7V
0.3
0.5
mA
V
FB = 0.5V
0.5
1.25
I
SD_V5
V5 Shutdown Current
V
EN =0V
0
5
µA
I
Q_BOOT
BOOT Quiescent Current
V
FB = 0.7V
2
5
µA
V
FB = 0.5V
300
500
I
SD_BOOT
BOOT Shutdown Current
V
EN =0V
1
5
µA
V
DD_UVLO
VDD UVLO Threshold
VDD rising from 0V
3.9
4.2
4.5
V
HYS
VDD_UVLO
VDD UVLO Hysteresis
VDD = V5 falling from
V
DD_UVLO
0.5
0.7
0.9
V
Logic
I
EN
EN Input Current
V
EN =0to5V
0
µA
V
EN_HI
EN Input Logic High
2
1.8
V
V
EN_LO
EN Input Logic Low
1.3
0.8
V
R
FPWM
FPWM Pull-down
V
FPWM =2V
100
200
1000
k
V
FPWM_HI
FPWM Input Logic High
2
1.8
V
VFPWM_LO
FPWM Input Logic Low
1.3
0.8
V
www.national.com
5


Similar Part No. - LM27241MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724ALD NSC-LM2724ALD Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724ALDX NSC-LM2724ALDX Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724AM NSC-LM2724AM Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724AMX NSC-LM2724AMX Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
More results

Similar Description - LM27241MTC

ManufacturerPart #DatasheetDescription
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
   Embedded Controller for Mobile Systems
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
uPI Group Inc.
UP1642P UPI-UP1642P Datasheet
664Kb / 18P
   3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
Oct. 2012
UP1665P UPI-UP1665P Datasheet
229Kb / 14P
   2-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com