Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1112 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1112
Description  Triple Low Dropout Regulator Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1112 Datasheet HTML 5Page - Semtech Corporation SC1112 Datasheet HTML 6Page - Semtech Corporation SC1112 Datasheet HTML 7Page - Semtech Corporation SC1112 Datasheet HTML 8Page - Semtech Corporation SC1112 Datasheet HTML 9Page - Semtech Corporation SC1112 Datasheet HTML 10Page - Semtech Corporation SC1112 Datasheet HTML 11Page - Semtech Corporation SC1112 Datasheet HTML 12Page - Semtech Corporation SC1112 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Typical Characteristics (Cont.)
400
450
500
550
600
650
700
750
800
0
102030
40
50
6070
Ta (°C.)
Source current
Sink current
VTT Gate Current @ Vgate = 3V, 5V Stby = 4.75V vs Ta
21.60
21.80
22.00
22.20
22.40
22.60
22.80
23.00
23.20
23.40
23.60
0
1020
3040
506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
VTT Short circuit Delay source current vs Ta
7.70
7.80
7.90
8.00
8.10
8.20
8.30
8.40
0
1020
30
405060
70
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
VTT Short circuit Delay Time (Cdelay = 0.1u.) vs Ta
1.465
1.470
1.475
1.480
1.485
1.490
1.495
1.500
1.505
1.510
1.515
0
102030
40
506070
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
VTT Short circuit Delay Timer Threshold vs Ta


Similar Part No. - SC1112

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
SC1112ASTR SEMTECH-SC1112ASTR Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
SC1112ATSTR SEMTECH-SC1112ATSTR Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
SC1112EVB SEMTECH-SC1112EVB Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
SC1112STR SEMTECH-SC1112STR Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
More results

Similar Description - SC1112

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1112 SEMTECH-SC1112_06 Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174 Datasheet
170Kb / 8P
   Triple Linear Regulator Controllers
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
   Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Texas Instruments
UC1832 TI1-UC1832_16 Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com