Electronic Components Datasheet Search |
|
PL34120191000GKDG Datasheet(PDF) 2 Page - Vishay Siliconix |
|
PL34120191000GKDG Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 2 page Document Number: 61066 Revision 14-Nov-02 www.vishay.com 138 PL340, 341, 342 Vishay Thin Film VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 • ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988 • SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081 Plastic Leadless Chip Carrier PACKAGE OUTLINE DRAWING PLASTIC LEADLESS CHIP CARRIER PL340 20 LEAD PACKAGE DIMENSIONS in inches [millimeters] A A1 B B1 C C1 D D1 E F G I J P MINIMUM 0.385 0.348 0.385 0.348 -- -- -- -- -- -- -- 0.026 -- -- [9.78] [8.84] [9.78] [8.84] -- -- -- -- -- -- -- 0.66 -- -- NOMINAL 0.390 0.350 0.390 0.350 0.045 0.045 0.015 0.015 -- 0.178 0.108 -- 0.320 0.150 [9.91] [8.89] [9.91] [8.89] [1.14] [1.14] [0.38] [0.38] -- [4.52] [2.74] -- [8.13] [3.81] MAXIMUM 0.395 0.352 0.395 0.352 -- -- -- -- -- -- -- -- -- -- [10.03] [8.94] [10.03] [8.94] -- -- -- -- -- -- -- -- -- -- ORDERING INFORMATION Example: PL340-20-10-1000-F-F-B-C, 20 Lead PLCC, 1000 Ω Isolated Resistors, Absolute Tolerance: 1.0%, Ratio Tolerance: 0.1%, Absolute TCR: 25ppm/ °C, Ratio TCR: 2ppm/°C. PL340 20 10 1000 F F B C MODEL NUMBER OF NUMBER OF RESISTANCE ABSOLUTE RATIO ABSOLUTE TCR RATIO TCR LEADS RESISTORS VALUE TOLERANCE TOLERANCE PPM/ °C PPM/ °C %% (To RREF) PL341 B = 0.1* D = 0.050* B = 25 C = 2* PL342 C = 0.2* F = 0.100 D = 50 D = 3* D = 0.5 H = 0.250 E = 100 F = 5* F = 1.0 J = 0.500 G = 10 G = 2.0 K = 1.000 X = N/A J = 5.0 X = N/A K = 10.0 M = 20.0 *Value dependent A1 C D1 D B1 J G PIN 1 LOCATOR C1 P F A, B 0.050 inches 0.5 ° typical 4 ° typical 0.120” DIAMETER 0.003 - 0.004” DEPTH 0.027 inches 4 ° typical NOTE: Factory will covert order number into final part number. The first 3 digits are significant figures and the last specifies the number of zeros to follow. “R” designates the decimal point. Example: 100 ohms = 1000 1000 ohms = 1001 |
Similar Part No. - PL34120191000GKDG |
|
Similar Description - PL34120191000GKDG |