Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4569UR-1 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 1N4569UR-1
Description  6.4 Volt Temperature Compensated Zener Reference Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4569UR-1 Datasheet(HTML) 4 Page - Microsemi Corporation

  1N4569UR-1 Datasheet HTML 1Page - Microsemi Corporation 1N4569UR-1 Datasheet HTML 2Page - Microsemi Corporation 1N4569UR-1 Datasheet HTML 3Page - Microsemi Corporation 1N4569UR-1 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6.4 Volt Temperature Compensated Zener
Reference Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2003
10-27-2003 REV B
SCOTTSD A L E DIVISION
1N4565 thru 1N4584A-1 DO-7
IZ – Operating Current (mA)
IZ – Operating Current (mA)
1N4580 – 1N4584A
PACKAGE DIMENSIONS
All dimensions in INCH
mm


Similar Part No. - 1N4569UR-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4569 CDI-DIODE-1N4569 Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4569 MICROSEMI-1N4569 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4569 NJSEMI-1N4569 Datasheet
135Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4569 DIGITRON-1N4569 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
American Microsemicondu...
1N4569 AMMSEMI-1N4569 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results

Similar Description - 1N4569UR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4566A AMMSEMI-1N4566A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570A AMMSEMI-1N4570A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569A AMMSEMI-1N4569A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567A AMMSEMI-1N4567A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569 AMMSEMI-1N4569 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com