Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1217P133 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1217P133
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217P133 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1217P133 Datasheet HTML 7Page - ON Semiconductor NCP1217P133 Datasheet HTML 8Page - ON Semiconductor NCP1217P133 Datasheet HTML 9Page - ON Semiconductor NCP1217P133 Datasheet HTML 10Page - ON Semiconductor NCP1217P133 Datasheet HTML 11Page - ON Semiconductor NCP1217P133 Datasheet HTML 12Page - ON Semiconductor NCP1217P133 Datasheet HTML 13Page - ON Semiconductor NCP1217P133 Datasheet HTML 14Page - ON Semiconductor NCP1217P133 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP1217, NCP1217A
http://onsemi.com
11
Power P1
Power P2
Power P3
Figure 20. Output Pulses at Various Power Levels (X = 5.0
ms/div) P1 t P2 t P3
Figure 21. The Skip Cycle Takes Place at Low Peak Currents which Guarantees Noise−Free Operation
315.40 U
882.70 U
1.450 M
2.017 M
2.585 M
300 M
200 M
100 M
0
MAX PEAK
CURRENT
SKIP CYCLE
CURRENT LIMIT
Sufficient margin shall be kept between normal Pin1 level and the latchoff point in order to avoid false triggering.
Ramp Compensation
Ramp compensation is a known mean to cure
subharmonic oscillations. These oscillations take place at
half the switching frequency and occur only during
Continuous Conduction Mode (CCM) with a duty−cycle
greater than 50%. To lower the current loop gain, one usually
injects between 50 and 100% of the inductor down−slope.
Figure 22 depicts how internally the ramp is generated.


Similar Part No. - NCP1217P133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217P133 ONSEMI-NCP1217P133 Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217P133G ONSEMI-NCP1217P133G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217P133G ONSEMI-NCP1217P133G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217P133G ONSEMI-NCP1217P133G Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
More results

Similar Description - NCP1217P133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com