Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1217D133R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1217D133R2
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217D133R2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1217D133R2 Datasheet HTML 1Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 2Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 3Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 4Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 5Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 6Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 7Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 8Page - ON Semiconductor NCP1217D133R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1217, NCP1217A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Max TJ = 150°C,
VCC = 11 V unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION (All frequency versions, unless otherwise noted)
Turn−On Threshold Level, VCC Going Up
6
VCCON
11.8
12.8
13.8
V
Minimum Operating Voltage After Turn−On
6
VCCmin
6.9
7.6
8.3
V
VCC Decreasing Level at which the Latchoff Phase Ends
6
VCClatch
5.6
V
Internal IC Consumption, No Output Load on Pin 5,
FSW = 65 kHz
6
ICC1
960
1110
(Note 1)
mA
Internal IC Consumption, No Output Load on Pin 5,
FSW = 100 kHz
6
ICC1
1020
1180
(Note 1)
mA
Internal IC Consumption, No Output Load on Pin 5,
FSW = 133 kHz
6
ICC1
1060
1200
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 65 kHz
6
ICC2
1.7
2.0
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 100 kHz
6
ICC2
2.1
2.4
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 133 kHz
6
ICC2
2.4
2.9
(Note 1)
mA
Internal IC Consumption, Latchoff Phase, VCC = 6.0 V
6
ICC3
230
mA
INTERNAL STARTUP CURRENT SOURCE (TJ u 0°C)
High−Voltage Current Source, VCC = 10 V
8
IC1
3.5
(Note 2)
6.0
7.8
mA
High−Voltage Current Source, VCC = 0
8
IC2
7.0
mA
DRIVE OUTPUT
Output Voltage Rise−Time @ CL = 1.0 nF, 10−90% of a 12 V
Output Signal
5
Tr
60
ns
Output Voltage Fall−Time @ CL = 1.0 nF, 10−90% of a 12 V
Output Signal
5
Tf
20
ns
Source Resistance
5
ROH
15
20
35
W
Sink Resistance
5
ROL
5.0
10
18
W
CURRENT COMPARATOR (Pin 5 Unloaded)
Input Bias Current @ 1.0 V Input Level on Pin 3
3
IIB
0.02
mA
Maximum Internal Current Setpoint
3
ILimit
0.9
1.0
1.1
V
Default Internal Current Setpoint for Skip Cycle Operation
3
ILskip
330
mV
Propagation Delay from Current Detection to Gate OFF State
3
TDEL
90
150
ns
Leading Edge Blanking Duration
3
TLEB
250
ns
INTERNAL OSCILLATOR (VCC = 11 V, Pin 5 Loaded by 1.0 kW)
Oscillation Frequency, 65 kHz Version
fOSC
58.5
65
71.5
kHz
Oscillation Frequency, 100 kHz Version
fOSC
90
100
110
kHz
Oscillation Frequency, 133 kHz Version
fOSC
120
133
146
kHz
Maximum Duty−Cycle, NCP1217
Dmax
69
74
80
%
Maximum Duty−Cycle, NCP1217A
Dmax
42
46.5
50
%
1. Maximum Value @ TJ = 0°C.
2. Minimum Value @ TJ = 125°C.


Similar Part No. - NCP1217D133R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217D133R2 ONSEMI-NCP1217D133R2 Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217D133R2G ONSEMI-NCP1217D133R2G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217D133R2G ONSEMI-NCP1217D133R2G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217D133R2G ONSEMI-NCP1217D133R2G Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
More results

Similar Description - NCP1217D133R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com