Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1301-E00R4 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-1301-E00R4
Description  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1301-E00R4 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-1301-E00R4 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1301-E00R4 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide
Luminous Intensity Iv (mcd) at 10 mA
Material
Color
Part Number
Min.
Max.
GaAsP on GaP
Red
HLMP-1301
3.4
HLMP-1301-E00xx
3.4
HLMP-1301-FG0xx
5.4
17.2
HLMP-1301-G00xx
8.6
HLMP-1301-GH0xx
8.6
27.6
Yellow
HLMP-1401
2.2
HLMP-1401-D00xx
3.6
HLMP-1401-E00xx
5.7
HLMP-1401-EF0xx
5.7
18.4
HLMP-1401-EFBxx
5.7
18.4
Orange
HLMP-K401
2.1
HLMP-K401-E00xx
3.4
HLMP-K401-EF0xx
3.4
10.8
HLMP-K401-FGDxx
5.4
17.2
GaP
Green
HLMP-1503
1.0
HLMP-1503-C00xx
2.6
HLMP-1503-D00xx
4.2
HLMP-1503-DE0xx
4.2
13.4
HLMP-1503-DEDxx
4.2
13.4
Emerald Green[1]
HLMP-K600
1.0
Note:
1. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.


Similar Part No. - HLMP-1301-E00R4

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301-G00FG AVAGO-HLMP-1301-G00FG Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - HLMP-1301-E00R4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com