Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4567TR-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N4567TR-1
Description  6.4 Volt Temperature Compensated Zener Reference Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4567TR-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N4567TR-1 Datasheet HTML 1Page - Microsemi Corporation 1N4567TR-1 Datasheet HTML 2Page - Microsemi Corporation 1N4567TR-1 Datasheet HTML 3Page - Microsemi Corporation 1N4567TR-1 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ed Zener
6.4 Volt Temperature Compensat
Reference Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
10-27-2003 REV B
SCOTTSD A L E DIVISION
1N4565 thru 1N4584A-1 DO-7
DESCRIPTION
APPEARANCE
The popular 1N4565 thru 1N4584A-1 series of Zero-TC Reference Diodes
provides a selection of both 6.4 V nominal voltages and temperature
coefficients to as low as 0.0005%/oC for minimal voltage change with
temperature. Four different operating currents are available for selection at
0.5 mA, 1.0 mA, 2.00 mA, and 4.00 mA. These glass axial-leaded DO-7
reference diodes are internal-metallurgical-bonded and are also available in
JAN, JANTX, and JANTXV military qualifications. Microsemi also offers
numerous other Zener Reference Diode products for a variety of other
voltages up to 200 V.
DO-7
(DO-204AA)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N4565 thru 1N4584 series .
• Reference voltage diodes of nominal 6.4 V +/- 5%
with tighter tolerance options available
• Temperature Coefficient range: 0.01%/oC to
0.0005%/
oC.
• Zener Test Current selection range: 0.500 mA, 1.00
mA, 2.00 mA and 4.00 mA.
• Internal metallurgical bonded
• 1N4565 thru 1N4584 also have qualification to MIL-
PRF-19500/452 by adding the JAN, JANTX,
JANTXV, or JANS prefixes to part numbers a well as
the “-1” suffix; e.g. JANTX1N4574A-1, etc.
• Military surface mount equivalents also available in
DO-213AA by adding UR-1 suffix and the JAN,
JANTX, and JANTXV prefix, e.g.
JANTX1N4569AUR-1 (see separate data sheet)
• Also available in DO-35 package including military
qualifications up to JANTXV (see separate data
sheet)
Provides minimal voltage change over a broad
operating temperature range for instrumentation and
other circuit designs requiring a voltage reference
Temperature coefficient selections available from
0.01%/ºC to 0.0005%/ºC
Tight reference voltage tolerances available with
nominal value of 6.4 V by adding tolerance 1%, 2%,
3%, etc. after the part number for identification, e.g.
1N4569-2%, 1N4579A-1%, 1N4574A-1-1%, etc.
Flexible axial-leaded mounting terminals
Nonsensitive to ESD per MIL-STD-750 Method 1020
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperatures: -65oC to +175oC
• Storage Temperatures: -65oC to +175oC
• DC Power Dissipation: 500 mW @ TL = 25oC with
maximum current IZM 70 mA. NOTE: For optimum
voltage-temperature stability, the operating test
current (IZT) should be as specified in the Electrical
Characteristics Table (power less than 30 mW)
• Solder Temperatures: 260oC for 10 s (max)
• CASE: Hermetically sealed glass case. DO-7 (DO-
204AA) package
• TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, Method 2026
• MARKING: Part number and cathode band
• POLARITY: Reference diode to be operated with the
banded end positive with respect to the opposite end
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 0.2 grams.
• See package dimensions on last page


Similar Part No. - 1N4567TR-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4567 CDI-DIODE-1N4567 Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4567 MICROSEMI-1N4567 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4567 NJSEMI-1N4567 Datasheet
135Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4567 DIGITRON-1N4567 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
American Microsemicondu...
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results

Similar Description - 1N4567TR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4566A AMMSEMI-1N4566A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570A AMMSEMI-1N4570A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569A AMMSEMI-1N4569A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567A AMMSEMI-1N4567A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569 AMMSEMI-1N4569 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com