Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC9201N Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC9201N
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC9201N Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC9201N Datasheet HTML 3Page - Texas Instruments TPIC9201N Datasheet HTML 4Page - Texas Instruments TPIC9201N Datasheet HTML 5Page - Texas Instruments TPIC9201N Datasheet HTML 6Page - Texas Instruments TPIC9201N Datasheet HTML 7Page - Texas Instruments TPIC9201N Datasheet HTML 8Page - Texas Instruments TPIC9201N Datasheet HTML 9Page - Texas Instruments TPIC9201N Datasheet HTML 10Page - Texas Instruments TPIC9201N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
TIMING REQUIREMENTS
R
DELAY
TPIC9201N
SLIS115 – JULY 2005
T
A = –40°C to 85°C, VIN = 7 V to 18 V (unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
FSPI
SPI frequency
4
mHz
T1
Time from NCS falling edge to CLK rising edge
10
ns
T2
Time from NCS falling edge to CLK falling edge
80
ns
T3
Time for CLK to go high
60
ns
T4
Time for CLK to go low
60
ns
T5
Time from last CLK falling edge to NCS rising edge
80
ns
T6
SDI setup time before CLK edge
10
ns
T7
SDI hold time after CLK edge
10
ns
T8
Time between two words for transmitting
170
ns
THe RDELAY output provides a constant current source to charge an external capacitor to approximately 6.5 V.
The external capacitor is selected to provide a delay time based on the current equation for a capacitor, I = C
dv/dt and a 28 µA typical output current.
Therefore, the user should select a 47-nF capacitor to provide a 6 ms delay at 3.55 V.
I = C dv/dt
28 µA = C
× (3.55 V / 6 ms)
C = 47 nF
7


Similar Part No. - TPIC9201N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201N TI-TPIC9201N Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201NE4 TI-TPIC9201NE4 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Similar Description - TPIC9201N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
logo
STMicroelectronics
L9396 STMICROELECTRONICS-L9396 Datasheet
1Mb / 109P
   Automotive multiple power supply IC
January 2022 Rev 6
logo
ON Semiconductor
FAN7191-F085 ONSEMI-FAN7191-F085 Datasheet
443Kb / 16P
   High and Low Side Automotive Gate Driver IC
June, 2018 ??Rev. 4
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
logo
Infineon Technologies A...
TLE92108-231QX INFINEON-TLE92108-231QX Datasheet
3Mb / 154P
   Multiple MOSFET Driver IC
Rev. 1.0 2019-08-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com