Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82J927A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82J927A
Description  USB Gamepad
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82J927A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82J927A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82J927A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Circuits
Top Circuit
Button Circuit
HT82J927A
Rev. 1.00
4
November 16, 2005
J P 1
H E A D E R 1 6
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
B 3
B 4
U 1
H T 8 2 J 9 2 7 A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
V S S
V 3 3 O
U S B D +
U S B D -
R E S
B 3 / A N A L O G
D O W N _ U P
A N A L O G L E D
B 7
B 8
B 1 1
B 1 0
B 4
L E F T _ R I G H T
B 1 2 / P W M 1
B 9 / P W M 2
V D D
O S C I
O S C O
4 1 4 8
U P _ R I G H T
B 5
B 6
D O W N _ U P
B 1
B 1
D O W N _ U P
L E F T _ R I G H T
V D D
S W 3
B 9
B 7
B 5
0 . 1 m F
B
G
B 8
B 7
B
A N A L O G L E D
W
L E F T _ R I G H T
B 8
B 1 2
S W 1
A n a l o g
A N A L O G
U S B C O N
1
2
3
4
5
V D D
U S B -
U S B +
V S S
S h i e l d
B 9
6 M H z
P N P
B
B 2
B 1 2
B 6
4 7 W
U P _ R I G H T
V D D
L M O T O R
2
R
B 4
V R S W 1
V R S W
B 1 1
Y
X
1 k W
3 3 W
1 . 5 k W
M G 1
1 k W
3 3 W
3 3 W
4 1 4 8
P N P
4 7 W
L M O T O R
2
M G 2
V D D
3 0 k W
1 0 0 k W
2 0 0 k W
1 k W
0 . 1 m F
V R S W 2
V R S W
B 1 0
T h r o t t l e
R u d d e r
V D D
0 . 1 m F
1 0 m F
0 . 1 m F
1 0 m F
1 0 m F
0 . 0 1 m F
1 0 0 k W
0 . 1 m F
1 0 k W
0 . 1 m F
S W 2
A n a l o g
1 0 0 k W
2 0 0 k W
1 k W
V D D
B 5
B 6
B 1
U P _ R I G H T
Y _ A X I S
X _ A X I S
T H R O T T L E
R U D D E R
B 2
S W 2
U P _ R I G H T
B 9
B 5
H S _ D O W N
B 1
S W 4
H S _ R I G H T
B 8
J P 1
H E A D E R 1 6
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
S W 7
B 2
H S _ L E F T
S W 5
S W 1 0
S W 8
H S _ U P
B 7
B 1 2
B 3
1 k W
S W 1
D O W N _ U P
S W 9
L E F T _ R I G H T
S W 6
B 6
B 4
S W 3
A n a l o g M o d e L e d
3 3 0 W


Similar Part No. - HT82J927A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82J97A HOLTEK-HT82J97A_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
HT82J97E HOLTEK-HT82J97E Datasheet
314Kb / 46P
   USB Joystick Encoder 8-Bit OTP MCU
HT82J97E-20SOP-A HOLTEK-HT82J97E-20SOP-A Datasheet
314Kb / 46P
   USB Joystick Encoder 8-Bit OTP MCU
HT82J97E-28SOP-A HOLTEK-HT82J97E-28SOP-A Datasheet
314Kb / 46P
   USB Joystick Encoder 8-Bit OTP MCU
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
More results

Similar Description - HT82J927A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
   USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 42P
   MoBL-USB??FX2LP18 USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
logo
Future Technology Devic...
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
logo
SUYIN USA, INC.
CBL30017-1500 SUYIN-USA-CBL30017-1500 Datasheet
173Kb / 1P
   MINI USB 5P USB A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com