Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780058 Datasheet(PDF) 3 Page - NEC

Part # UPD780058
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780058 Datasheet(HTML) 3 Page - NEC

  UPD780058 Datasheet HTML 1Page - NEC UPD780058 Datasheet HTML 2Page - NEC UPD780058 Datasheet HTML 3Page - NEC UPD780058 Datasheet HTML 4Page - NEC UPD780058 Datasheet HTML 5Page - NEC UPD780058 Datasheet HTML 6Page - NEC UPD780058 Datasheet HTML 7Page - NEC UPD780058 Datasheet HTML 8Page - NEC UPD780058 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
3
Data Sheet U16369EJ1V0DS
CORRESPONDENCE BETWEEN MASK ROM PRODUCTS AND FLASH MEMORY PRODUCTS
µPD780024A, 780034A Subseries
Mask ROM Products
Flash Memory Products
Expanded-specification products of
µPD780021A, 780022A, 780023A, 780024A
µPD78F0034B
Expanded-specification products of
µPD780031A, 780032A, 780033A, 780034A
Conventional products of
µPD780021A, 780022A, 780023A, 780024A
µPD78F0034A
Conventional products of
µPD780031A, 780032A, 780033A, 780034A
Expanded-specification products of
µPD780021A(A), 780022A(A), 780023A(A), 780024A(A)
µPD78F0034B(A)
Expanded-specification products of
µPD780031A(A), 780032A(A), 780033A(A), 780034A(A)
Conventional products of
µPD780021A(A), 780022A(A), 780023A(A), 780024A(A)
µPD78F0034B(A)
Conventional products of
µPD780031A(A), 780032A(A), 780033A(A), 780034A(A)
Caution The
µµµµµPD78F0034B(A) and conventional products of the µµµµµPD780021A(A), 780022A(A), 780023A(A),
780024A(A) and
µµµµµPD780031A(A), 780032A(A), 780033A(A), and 780034A(A) differ in the operating
frequency ratings. When using the mask ROM versions in place of the flash memory versions,
take note of the power supply voltage and operating frequency used.
Remarks 1. The
µPD78F0034B, 78F0034B(A) and 78F0034A differ in the operating frequency ratings and
communication mode of the flash memory programming. Refer to 5. DIFFERENCES BETWEEN
µµµµµPD78F0034B, 78F0034BY AND µµµµµPD78F0034A, 78F0034AY.
2. The expanded-specification products and conventional products of the mask ROM versions differ
in the operating frequency ratings. Refer to the data sheets of the products.
3. The special grade version of the
µPD78F0034A is not provided (only the standard grade version
is provided).
µPD780024AY, 780034AY Subseries
Mask ROM Products
Flash Memory Products
µPD780021AY, 780022AY, 780023AY, 780024AY
µPD78F0034AY
µPD780031AY, 780032AY, 780033AY, 780034AY
µPD78F0034BY
µPD780021AY(A), 780022AY(A), 780023AY(A), 780024AY(A)
µPD78F0034BY(A)
µPD780031AY(A), 780032AY(A), 780033AY(A), 780034AY(A)
Remarks 1. The
µPD78F0034BY, 78F0034BY(A) and 78F0034AY differ in the communication mode of the flash
memory programming. Refer to 5. DIFFERENCES BETWEEN
µµµµµPD78F0034B, 78F0034BY AND
µµµµµPD78F0034A, 78F0034AY.
2. The expanded-specification products of the
µPD780024AY, 780034AY Subseries are not provided
(only the conventional products are provided).
3. The special grade version of the
µPD78F0034A is not provided (only the standard grade version
is provided).


Similar Part No. - UPD780058

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780058 NEC-UPD780058 Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780058 NEC-UPD780058 Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780058 NEC-UPD780058 Datasheet
345Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780058Y NEC-UPD780058Y Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com