Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1487JN Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1487JN
Description  Ultra-Low Power RS-485/RS-422 Transceiver with Low EMI and /-10kV ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1487JN Datasheet(HTML) 5 Page - Analog Devices

  ADM1487JN Datasheet HTML 1Page - Analog Devices ADM1487JN Datasheet HTML 2Page - Analog Devices ADM1487JN Datasheet HTML 3Page - Analog Devices ADM1487JN Datasheet HTML 4Page - Analog Devices ADM1487JN Datasheet HTML 5Page - Analog Devices ADM1487JN Datasheet HTML 6Page - Analog Devices ADM1487JN Datasheet HTML 7Page - Analog Devices ADM1487JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADM1487
Rev. PrC
–5–
R
R
VOD
VOC
A
A
Figure 1. Driver DC Load Test Circuit
RDIFF
VOD2
CL1
CL2
3V
DE
DI
RO
D
R
15pF
A
B
A
B
Figure 2. Driver/Receiver Timing Test Circuit
DI
B
A
V
0/2
V0
tDF
VDIFF
V0
-V0
0V
90%
10%
tDR
90%
10%
tSKEW = |tDPLH-tDPHL|
3V
0V
1.5V
t
DPLH
tDPHL
VDIFF = VA - VB
f = 1MHz, tr # 10ns, tf # 10ns
Figure 3. Driver Propagation Delays
RO
A
B
VOD2
-VOD2
VOH
VOL
1.5V
t
RPLH
t
RPHL
f = 1MHz, tr # 10ns, tf # 10ns
Figure 4. Receiver Propagation Delays
ADM1487 TEST CIRCUITS AND TIMING
VCC
S1
S2
TEST
POINT
CRL
15pF
500V
OUTPUT
UNDER
TEST
Figure 5. Test Load for Driver Enable/Disable Time Test
3V
0V
DE
A, B
A, B
VOL
tDZL(SHDN), tDZL
tDLZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
1.5V
2.3V
VOL+ 0.5V
VOH- 0.5V
VOL
tDZH(SHDN), tDZH
tDHZ
2.3
V
f = 1MHz, tr # 10ns, tf # 10ns
5V
VOH
Figure 6. Driver Enable and Disable Times
RO
TEST
POINT
VCC
1kV
1kV
S1
S2
CRL
15pF
Figure 7. Test Load for Receiver Enable/Disable Time Test
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
RO
RO
tRZL(SHDN), tRZL
tRLZ
1.5
V
0.5V
0.5V
0V
tRZH(SHDN), tRZH
tRHZ
1.5
V
5V
1.5
V
5V
f = 1MHz, tr # 10ns, tf # 10ns
Figure 8. Receiver Enable and Disable Delay Times
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADM1487JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487E AD-ADM1487E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487E AD-ADM1487E Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ AD-ADM1487EARZ Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487EARZ AD-ADM1487EARZ Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ-REEL7 AD-ADM1487EARZ-REEL7 Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
More results

Similar Description - ADM1487JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com