Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1487AN Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1487AN
Description  Ultra-Low Power RS-485/RS-422 Transceiver with Low EMI and /-10kV ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1487AN Datasheet(HTML) 8 Page - Analog Devices

  ADM1487AN Datasheet HTML 1Page - Analog Devices ADM1487AN Datasheet HTML 2Page - Analog Devices ADM1487AN Datasheet HTML 3Page - Analog Devices ADM1487AN Datasheet HTML 4Page - Analog Devices ADM1487AN Datasheet HTML 5Page - Analog Devices ADM1487AN Datasheet HTML 6Page - Analog Devices ADM1487AN Datasheet HTML 7Page - Analog Devices ADM1487AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADM1487
–8–
Rev. PrC
PRELIMINARY TECHNICAL DATA
CMOS outout stages, which include parasitic diodes from
their driver outputs to each supply rail and can latch up
when these diodes conduct.
V CC
PA RA SITIC
DIO DE D P
PA RA SIT IC
DIO DE DP
S CH OTTKY
REVERSE-BIA SED
WH E N OUT P UT
> V CC +V D
SC HO TT K Y
R EVE R SE-B IASED
WHE N O U TP U T
< G N D - V D
Figure 9. ADM1487 Driver Output Stage
The ADM1487 output includes Schottky diodes in series
with the positive supply to the drain of the P-channel output
device and in series with the drain of the N-channel output
device. These diodes prevent the P-channel's parasitic diode
from conducting when the output voltage exceeds VCC and
prevent the N-channel's parasitic diode from conducting
when the output voltage falls below ground.
SLEW RATE CONTROL
The driver output stage of the ADM1487 has a controlled
slew rate to minmize signal reflections on incorrectly termi-
nated lines and to reduce electromagnetic interference (EMI).
CURRENT LIMIT AND THERMAL SHUTDOWN
The ADM1487 incorporates two protection mechanisms to
guard the drivers against short-circuits, bus contention or
other fault conditions. The first is a current-limited output
stage that protects the driver against short-circuits over the
entire common-mode voltage range by limiting the output
current to about 70mA. Under extreme fault condtions
where the current limit is not effective, a thermal shutdown
circuit puts the driver outputs into a high-impedance state if
the die temperature exceeds 150°C, and does not turn them
back on until the temperature has fallen to 130°C.
ENHANCED ESD PROTECTION
All Analog Devices parts incorporate protection against
electrostatic discharge (ESD) to protect the devices dur-
ing handling, assembly and normal operation. In addition,
the ADM1487 has enhanced ESD protection up to ±10kV
on the A and B I/O pins to protect against severe opera-
tional conditions such as line transients, connection and
disconnection.
APPLICATION INFORMATION
Figure 10 shows a typical application of the ADM1487.
This is a half-duplex RS-485/RS-422 network. Up to 254
additional ADM1487s can be connected along the cable
(termination resistors are only required at each end).
Figure 10. Typical Half-Duplex RS-485/RS-422 Network
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic Dual-In-Line Package (N-8)
8
14
5
0. 43 0 (10 . 92 )
0. 34 8 (8.84 )
0. 28 0 (7.11 )
0. 24 0 (6.10 )
PIN 1
SE A TI N G
P L ANE
0. 02 2 (0.5 58 )
0. 01 4 (0.3 56 )
0. 06 0 (1. 52 )
0. 01 5 (0. 38 )
0.21 0 ( 5. 33 )
MA X
0.130
(3 .30 )
MIN
0.07 0 ( 1. 77 )
0.04 5 ( 1. 15 )
0.1 0 0
(2 .54 )
BS C
0. 16 0 (4.06 )
0. 11 5 (2.93 )
0. 32 5 (8. 25 )
0. 30 0 (7. 62 )
0. 01 5 (0. 3 81 )
0. 00 8 (0. 2 04 )
0. 19 5 (4. 95 )
0. 11 5 (2. 93 )
8-Pin SO Package (R-8)
85
4
1
0. 1968 (5. 00)
0. 1890 (4. 80)
0. 1574 (4. 00)
0. 1497 (3. 80)
0.24 4 0 (6 .20 )
0.22 8 4 (5 .80 )
PI N 1
SE A TI N G
P L ANE
0. 00 9 8 (0 .25 )
0. 00 4 0 (0 .10 )
0. 0192 (0. 49)
0. 0138 (0. 35)
0. 10 2 (2.59 )
0. 09 4 (2.39 )
0. 0500
(1 . 27 )
BS C
0. 0098 (0.25)
0. 0075 (0.19)
0. 05 0 0 (1 .27 )
0. 01 6 0 (0 .41 )
8
0
0. 0196 (0.50)
0. 0099 (0.25)
x 4 5
100n
DI
D
R
5
6
7
8
4
3
2
1
ADM1487
DE
RO
100n
+5V
(VCC
)
+5V (VCC)
RT
RT
DATA
IN (DI)
RECEIVER
OUTPUT
(RO)
1
2
3
4
8
7
6
5
D
R
RECEIVER
ENABLE
(
RE)
DRIVER
ENABLE
(DE)
ADM1487
CABLE TERMINATED
AT ENDS
ADDITIONAL
ADM1487s
A
B
A
B
A
B
RE


Similar Part No. - ADM1487AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487E AD-ADM1487E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487E AD-ADM1487E Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ AD-ADM1487EARZ Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487EARZ AD-ADM1487EARZ Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ-REEL7 AD-ADM1487EARZ-REEL7 Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
More results

Similar Description - ADM1487AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com