Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3731CG Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3731CG
Description  3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3731CG Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3731CG Datasheet HTML 7Page - Linear Technology LTC3731CG Datasheet HTML 8Page - Linear Technology LTC3731CG Datasheet HTML 9Page - Linear Technology LTC3731CG Datasheet HTML 10Page - Linear Technology LTC3731CG Datasheet HTML 11Page - Linear Technology LTC3731CG Datasheet HTML 12Page - Linear Technology LTC3731CG Datasheet HTML 13Page - Linear Technology LTC3731CG Datasheet HTML 14Page - Linear Technology LTC3731CG Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC3731
3731fa
OPERATIO
(Refer to Functional Diagram)
C) Continuous Current Operation
Tying the FCB pin to ground will force continuous current
operation. This is the least efficient operating mode, but
may be desirable in certain applications. The output can
source or sink current in this mode. When forcing con-
tinuous operation and sinking current, this current will be
forced back into the main power supply, potentially
boosting the input supply to dangerous voltage levels—
BEWARE!
Frequency Synchronization
The phase-locked loop allows the internal oscillator to be
synchronized to an external source using the PLLIN pin.
The output of the phase detector at the PLLFLTR pin is also
the DC frequency control input of the oscillator which
operates over a 250kHz to 600kHz range corresponding to
a voltage input from 0V to 2.4V. When locked, the PLL
aligns the turn on of the top MOSFET to the rising edge of
the synchronizing signal. When no frequency information
is supplied to the PLLIN pin, PLLFLTR goes low, forcing the
oscillator to minimum frequency. A DC source can be
applied to the PLLFLTR pin to externally set the desired
operating frequency. An approximate 20µA discharge cur-
rent will be present at the pin with no PLLIN input signal.
Input capacitance ESR requirements and efficiency losses
are reduced substantially in a multiphase architecture
because the peak current drawn from the input capacitor
is effectively divided by the number of phases used and
power loss is proportional to the RMS current squared. A
3-stage, single output voltage implementation can reduce
input path power loss by 90%.
Differential Amplifier
This amplifier provides true differential output voltage
sensing. Sensing both VOUT+ and VOUT– benefits regula-
tion in high current applications and/or applications hav-
ing electrical interconnection losses. This sensing also
isolates the physical power ground from the physical
signal ground preventing the possibility of troublesome
“ground loops” on the PC layout and prevents voltage
errors caused by board-to-board interconnects, particu-
larly helpful in VRM designs.
Power Good
The PGOOD pin is connected to the drain of an internal
N-channel MOSFET. The MOSFET is turned on once an
internal delay of about 100µs has elapsed and the output
voltage has been away from its nominal value by greater than
10%. If the output returns to normal prior to the delay
timeout, the timer is reset. There is no delay time for the
rising of the PGOOD output once the output voltage is within
the ±10% “window.”
Phase Mode
The PHASMD pin determines the phase shift between the
rising edge of the TG1 output and the rising edge of the
CLKOUT signal. Grounding the pin will result in 30 degrees
phase shift and tying the pin to VCC will result in 60
degrees. These phase shift values enable extension to 6-
and 12-phase systems. The PGOOD function above and
the PHASMD function are tied to a common pin in the UH
package.
Undervoltage Shutdown Adjust
The voltage applied to the UVADJ pin is compared to the
internal 1.2V reference to have an externally program-
mable undervoltage shutdown. The RUN/SS pin is inter-
nally held low until the voltage applied to the UVADJ pin
exceeds the 1.2V threshold.
Short-Circuit Detection
The RUN/SS capacitor is used initially to turn on and limit
the inrush current from the input power source. Once the
controllers have been given time, as determined by the
capacitor on the RUN/SS pin, to charge up the output
capacitors and provide full load current, the RUN/SS
capacitor is then used as a short-circuit timeout circuit. If
the output voltage falls to less than 70% of its nominal
output voltage, the RUN/SS capacitor begins discharg-
ing, assuming that the output is in a severe overcurrent
and/or short-circuit condition. If the condition lasts for a
long enough period, as determined by the size of the
RUN/SS capacitor, the controller will be shut down until
the RUN/SS pin voltage is recycled. This built-in latchoff


Similar Part No. - LTC3731CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3731 LINER-LTC3731 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3731 LINER-LTC3731 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731HG LINER-LTC3731HG Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
More results

Similar Description - LTC3731CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732 Datasheet
285Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com