Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1890 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA1890
Description  Silicon PNP epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1890 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA1890 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1890 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SA1890
Silicon PNP epitaxial planer type
For low-frequency output amplification
Complementary to 2SC5026
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
High collector to emitter voltage VCEO.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation (TC=25˚C)
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
–80
–80
–5
–1.5
–1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –40V, IE = 0
IC = –10µA, IE = 0
IC = –1mA, IB = 0
IE = –10µA, IC = 0
VCE = –2V, IC = –100mA
VCE = –2V, IC = –500mA
*2
IC = –500mA, IB = –50mA
*2
IC = –500mA, IB = –50mA
*2
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–80
–80
–5
120
60
typ
– 0.2
– 0.85
120
15
max
– 0.1
340
– 0.3
–1.2
30
Unit
µA
V
V
V
V
V
MHz
pF
Unit: mm
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
*1h
FE1 Rank classification
Rank
Q
R
hFE1
120 ~ 240
170 ~ 340
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
Marking symbol :
1Z
*2 Pulse measurement


Similar Part No. - 2SA1890

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1890 KEXIN-2SA1890 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar
2SA1890-Q KEXIN-2SA1890-Q Datasheet
915Kb / 2P
   PNP Transistors
2SA1890-R KEXIN-2SA1890-R Datasheet
915Kb / 2P
   PNP Transistors
2SA1890 KEXIN-2SA1890_15 Datasheet
915Kb / 2P
   PNP Transistors
More results

Similar Description - 2SA1890

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com