Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1382CV25-167BGI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1382CV25-167BGI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382CV25-167BGI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1382CV25-167BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
PRELIMINARY
Document #: 38-05240 Rev. *A
Page 9 of 33
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ plac-
es the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered
valid nor is the completion of the operation guaranteed. The
device must be deselected prior to entering the “sleep” mode.
CEs, ADSP, and ADSC must remain inactive for the duration
of tZZREC after the ZZ input returns LOW.
Interleaved Burst Sequence
First
Address
Second
Address
Third
Address
Fourth
Address
A[1:0]]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Sequence
First
Address
Second
Address
Third
Address
Fourth
Address
A[1:0]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode stand-
by current
ZZ
> V
DD − 0.2V
60
mA
tZZS
Device operation to
ZZ
ZZ
> V
DD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
< 0.2V
2tCYC
ns


Similar Part No. - CY7C1382CV25-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382CV25-167BGI CYPRESS-CY7C1382CV25-167BGI Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382CV25-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com