Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFL-2LP-5016-A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UFL-2LP-5016-A
Description  SMT Ultra-Miniature Coaxial Connectors-Mating Heights Owing to the Lowest Profile and the Lightest
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UFL-2LP-5016-A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  UFL-2LP-5016-A Datasheet HTML 1Page - List of Unclassifed Manufacturers UFL-2LP-5016-A Datasheet HTML 2Page - List of Unclassifed Manufacturers UFL-2LP-5016-A Datasheet HTML 3Page - List of Unclassifed Manufacturers UFL-2LP-5016-A Datasheet HTML 4Page - List of Unclassifed Manufacturers UFL-2LP-5016-A Datasheet HTML 5Page - List of Unclassifed Manufacturers UFL-2LP-5016-A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
sUsage Precautions
1. Plugs
(1) Connection/
disconnection of
connectors
(2) Permissible load on
the cable after
connector coupling.
(3) Precautions
1) To disconnect connectors, hook the end portion of E.FL-LP-N and U.FL-LP-N-2 onto the connector cover and pull off
vertically in the direction of the connector coupling axis.
1) To remove the connector directly, hold the connector cover and pull off
vertically in the direction of the connector coupling axis. (Please exercise
caution so as not to injure fingertips or nails.)
2) To couple the connectors, the coupling axes of both connectors are
aligned and the connectors are inserted as perpendicularly as possible.
Do not attempt to insert on an extreme angle.
After the connectors are coupled, do not apply a load to the cable in excess of the values indicated in the diagram
below.
Please note that excessive twisting in the action of insertion or removal will cause damage.
(1) Recommended
temperature profile
(Reference)
Recommended Temperature Profile (Reference)
1) The temperature indicates the printed circuit board surface temperature of the connector lead portion.
2) The reflow soldering method should be performed at a peak temperature of 240˚C or less at the surface of the
printed circuit board.
3) The temperature profile will change depending on conditions which include such factors as the size of the board,
the solder used, and the solder thickness.
(3) Recommended screen
thickness
0.15 mm
(2) Recommended hand
soldering conditions
(Reference)
Soldering iron temperature: 350˚C
Soldering time: Within 5 seconds
2. Receptacles
U.FL-LP-040
2N or less
2N or less
4N or less
U.FL-R-SMT
U.FL-R-SMT
U.FL-LP-040
U.FL-LP-066
U.FL-LP-N-2
E.FL-LP-N


Similar Part No. - UFL-2LP-5016-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UFL-2LP-04-A ETC-UFL-2LP-04-A Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
UFL-2LP-04-A-L ETC-UFL-2LP-04-A-L Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
UFL-2LP-062-A ETC-UFL-2LP-062-A Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
UFL-2LP-062-A-L ETC-UFL-2LP-062-A-L Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
UFL-2LP-066-A ETC-UFL-2LP-066-A Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results

Similar Description - UFL-2LP-5016-A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
   Among the lowest RDS on the market
logo
Samsung semiconductor
RC2012F510CS SAMSUNG-RC2012F510CS Datasheet
791Kb / 2P
   Owing to the reduced lead inductance, the high frequency characteristic is excellent.
logo
DDK Ltd.
Y90-LR-PC DDK-Y90-LR-PC Datasheet
210Kb / 4P
   Miniature, Low-profile Coaxial Connectors
logo
MicroPower Direct, LLC
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
logo
List of Unclassifed Man...
AOC-STG-B4S ETC2-AOC-STG-B4S Datasheet
388Kb / 1P
   The Lowest Power and Highest Performance 4-port 10GbE Controller in The Market
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
logo
CITIZEN ELECTRONICS CO....
CM155 CITIZEN-CM155 Datasheet
134Kb / 2P
   Being of the ultra-miniature SMD type
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com