Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMIC9714AY Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IMIC9714AY
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IMIC9714AY Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IMIC9714AY Datasheet HTML 1Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 2Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 3Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 4Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 5Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 6Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 7Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 8Page - List of Unclassifed Manufacturers IMIC9714AY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
C9714
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.0
5/17/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 5 of 13
Power Management Timing
Latency
Signal
Signal State
No. of rising edges of free
running PCI CLOCK (PCIF)
CS#
0 (disabled)
1
1 (enabled)
1
PD#
1 (cold start/normal operation)
3 mS
0 (power down)
1
NOTES:
1.
Clock on/off latency is defined in the number of rising edges of free running PCI CLOCK between the clock disable
goes low/high to the first valid clock comes out of the device.
Spread Spectrum Clocking
Spectrum Analysis
Spread
Non -Spread
Reduction


Similar Part No. - IMIC9714AY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9716JT ETC1-IMIC9716JT Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9716JY ETC1-IMIC9716JY Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9717 ETC1-IMIC9717 Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9717CTB ETC1-IMIC9717CTB Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
More results

Similar Description - IMIC9714AY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9717 ETC1-IMIC9717 Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Cypress Semiconductor
SG556 CYPRESS-SG556 Datasheet
62Kb / 10P
   Mobile PentiumR Processor Application Clock Generator
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com