Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9716JY Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # C9716JY
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9716JY Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button C9716JY Datasheet HTML 4Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 5Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 6Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 7Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 8Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 9Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 10Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 11Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
C9716J
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Preliminary
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 1.0
4/28/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 9 of 12
DC Buffer Characteristics for 48M, 48-24M and REF Outputs
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current Min
IOHmin
-29
-
-
mA
Vout = 1.0 V
Pull-Up Current Max
IOHmax
-
-
-23
mA
Vout = 3.135 V
Pull-Down Current Min
IOLmin
29
-
-
mA
Vout = 1.95 V
Pull-Down Current Max
IOLmax
-
-
27
mA
Vout = 0.4 V
Rise Time Between 0.4 V and 2.4 V
TR
0.5
-
2.0
nS
20 pF Load
Fall Time Between 0.4 V and 2.4 V
TF
0.5
-
2.0
nS
20 pF Load
VDD = VDDP= VDDR =3.3V
±5%, VDDC = 2.5V ±5%,, TA = 0ºC to +70ºC
DC Buffer Characteristics for PCI_F, PCI (1:5)
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current Min
IOHmin
-33
-
-
mA
Vout = 1.0 V
Pull-Up Current Max
IOHmax
-
-
-33
mA
Vout = 3.135 V
Pull-Down Current Min
IOLmin
30
-
-
mA
Vout = 1.95 V
Pull-Down Current Max
IOLmax
-
-
38
mA
Vout = 0.4 V
Rise Time Between 0.4 V and 2.4 V
TR
0.5
-
2.0
nS
30 pF Load
Fall Time Between 0.4 V and 2.4 V
TF
0.5
-
2.0
nS
30 pF Load
VDDP= VDDR =3.3V
±5%, VDDC = 2.5V ±5%,, TA = 0ºC to +70ºC


Similar Part No. - C9716JY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C9714 ETC1-C9714 Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9714AT ETC1-C9714AT Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9714AY ETC1-C9714AY Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9717 ETC1-C9717 Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9717CTB ETC1-C9717CTB Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
More results

Similar Description - C9716JY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMIC9714 ETC1-IMIC9714 Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9717 ETC1-IMIC9717 Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Cypress Semiconductor
SG556 CYPRESS-SG556 Datasheet
62Kb / 10P
   Mobile PentiumR Processor Application Clock Generator
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com