Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1734-37PZTTR Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1734-37PZTTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-37PZTTR Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1734-37PZTTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-37PZTTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AIC1734
ORDERING INFORMATION
PIN CONFIGURATION
SOT-89 (CXT & PXT)
TOP VIEW
1: VOUT
2. GND
3. VIN
SOT-89 (CXA & PXA)
TOP VIEW
1: GND
2. VIN
3. VOUT
TO-92 (CZT & PZT)
TOP VIEW
1: GND
2. VIN
3. VOUT
TO-92 (CZL & PZL)
TOP VIEW
1: VIN
2. GND
3. VOUT
1
2
3
1
2
3
1
2
3
1
2
3
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
U: SOT-23
XA: SOT-89
XT: SOT-89
ZT: TO-92
ZL: TO-92
C: Commercial
P: Lead Free Commercial
OUTPUT VOLTAGE
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
AIC1734-XXXXX XX
Example:
AIC1734-18CXATR
1.8V Version, in SOT-89 Package &
Tape & Reel Packing Type
AIC1734-18PXATR
1.8V Version, in SOT-89 Lead Free
Package & Tape & Reel Packing Type
SOT-23 (CU & PU)
TOP VIEW
1: GND
2: VOUT
3: VIN
3
1
2
SOT-23 MARKING
Part No.
CU
PU
Part No.
CU
PU
AIC1734-18XU
CD18
CD18P
AIC1734-35XU
CD35
CD35P
AIC1734-20XU
CD20
CD20P
AIC1734-37XU
CD37
CD37P
AIC1734-25XU
CD25
CD25P
AIC1734-38XU
CD38
CD38P
AIC1734-27XU
CD27
CD27P
AIC1734-50XU
CD50
CD50P
AIC1734-30XU
CD30
CD30P
AIC1734-52XU
CD52
CD52P
AIC1734-33XU
CD33
CD33P
2


Similar Part No. - AIC1734-37PZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-37XU AIC-AIC1734-37XU Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-37XXA AIC-AIC1734-37XXA Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-37XXT AIC-AIC1734-37XXT Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-37PZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com