Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1734-50CZLTR Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1734-50CZLTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-50CZLTR Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1734-50CZLTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-50CZLTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AIC1734
300mA Low Dropout Linear Regulator
Analog Integrations Corporation
Si-Soft Research Center
DS-1734P-04 010405
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Low Dropout Voltage of 470mV at 300mA Out-
put Current (3.0V Output Version).
Guaranteed 300mA Output Current.
Low Ground Current at 55
µA.
2% Accuracy Output Voltage of 1.8V/ 2.0V
/2.5V /2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/
5.2V.
Only needs 1
µF Output Capacitor for Stability.
Current and Thermal Limiting.
APPLICATIONS
CD-ROM Drivers.
LAN Cards.
Microprocessor.
RAM Module.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The AIC1734 is a 3-pin low dropout linear
regulator. The superior characteristics of the
AIC1734 include zero base current loss, very
low dropout voltage, and 2% accuracy output
voltage. Typical ground current remains ap-
proximately 55
µA, for loading ranging from
zero to maximum. Dropout voltage at 300mA
output current is exceptionally low. Built-in
output current limiting and thermal limiting
provide maximal protection to the AIC1734
against fault conditions.
The AIC1734 is available in popular SOT-23,
SOT-89 and TO-92 packages.
TYPICAL APPLICATION CIRCUIT
+
+
AIC1734
1
µF
COUT
VOUT
VOUT
GND
VIN
1
µF
CIN
VIN
Low Dropout Linear Regulator


Similar Part No. - AIC1734-50CZLTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-50XU AIC-AIC1734-50XU Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-50XXA AIC-AIC1734-50XXA Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-50XXT AIC-AIC1734-50XXT Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-50CZLTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com