Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780024A Datasheet(PDF) 1 Page - NEC

Part # UPD780024A
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780024A Datasheet(HTML) 1 Page - NEC

  UPD780024A Datasheet HTML 1Page - NEC UPD780024A Datasheet HTML 2Page - NEC UPD780024A Datasheet HTML 3Page - NEC UPD780024A Datasheet HTML 4Page - NEC UPD780024A Datasheet HTML 5Page - NEC UPD780024A Datasheet HTML 6Page - NEC UPD780024A Datasheet HTML 7Page - NEC UPD780024A Datasheet HTML 8Page - NEC UPD780024A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
©
2000
DATA SHEET
1998
Document No. U13415EJ2V0DS00 (2nd edition)
Date Published May 2001 N CP(K)
Printed in Japan
DESCRIPTION
The
µPD780232 is a member of the µPD780232 Subseries in the 78K/0 Series.
The
µPD780232 Subseries consists of products that incorporate a VFD controller/driver for panel control.
A flash memory version, the
µPD78F0233, that can operate within the same power supply voltage range as the
mask ROM version, and various development tools are also under development.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µPD780232 Subseries User’s Manual:
U13364E
78K/0 Series User’s Manual Instructions:
U12326E
FEATURES
• I/O ports: 40
• Internal ROM and RAM
• Internal ROM:
16 KB
• Internal high-speed RAM:
768 bytes
• Internal buffer RAM:
32 bytes
• VFD display RAM:
112 bytes
• Minimum instruction execution time can be changed
from high speed (0.4
µs) to low speed (6.4 µs)
• VFD controller/driver: 53 display outputs
(Universal grid supported)
• 8-bit resolution A/D converter: 4 channels
• Serial interface: 2 channels
• Timer: 4 channels
• Power supply voltage: VDD = 4.5 to 5.5 V
MOS INTEGRATED CIRCUIT
µPD780232
8-BIT SINGLE-CHIP MICROCONTROLLER
APPLICATIONS
Monolithic mini components, separated mini components, tuners, cassette tape decks, CD/MD players, audio
amplifiers, etc.
ORDERING INFORMATION
Part Number
Package
µPD780232GC-×××-8BT
80-pin plastic QFP (14
× 14)
Remark
××× indicates ROM code suffix.
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD780024A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780024A NEC-UPD780024A Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780024A NEC-UPD780024A Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780024A NEC-UPD780024A Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780024ACW-XXX NEC-UPD780024ACW-XXX Datasheet
661Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780024AF1-XXX-CN3 NEC-UPD780024AF1-XXX-CN3 Datasheet
661Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780024A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com