Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB0710 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB0710
Description  Silicon PNP epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB0710 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB0710 Datasheet HTML 1Page - Panasonic Semiconductor 2SB0710 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
1
2SB0710, 2SB0710A
Silicon PNP epitaxial planer type
For general amplification
Complementary to 2SD0602 and 2SD0602A
I Features
• Large collector current I
C
• Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
I Absolute Maximum Ratings T
a
= 25°C
1: Base
JEDEC: TO-236
2: Emitter
EIAJ: SC-59
3: Collector
Mini Type Package
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to
2SB0710
VCBO
−30
V
base voltage
2SB0710A
−60
Collector to
2SB0710
VCEO
−25
V
emitter voltage
2SB0710A
−50
Emitter to base voltage
VEBO
−5V
Peak collector current
ICP
−1A
Collector current
IC
−500
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Electrical Characteristics T
a = 25°C ± 3°C
Marking Symbol
• 2SB0710 : C
• 2SB0710A : D
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10
°
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= −20 V, I
E
= 0
− 0.1
µA
Collector to
2SB0710
VCBO
IC
= −10 µA, I
E
= 0
−30
V
base voltage
2SB0710A
−60
Collector to
2SB0710
VCEO
IC
= −10 mA, I
B
= 0
−25
V
emitter voltage
2SB0710A
−50
Emitter to base voltage
VEBO
IE = −10 µA, IC = 0
−5V
Forward current transfer ratio *
1
hFE1 *
2
VCE
= −10 V, I
C
= −150 mA
85
340
hFE2
VCE
= −10 V, I
C
= −500 mA
40
Collector to emitter saturation voltage *
1
VCE(sat)
IC = −300 mA, IB = −30 mA
− 0.35 − 0.6
V
Base to emitter saturation voltage *
1
VBE(sat)
IC
= −300 mA, I
B
= −30 mA
−1.1
−1.5
V
Transition frequency
fT
VCB
= −10 V, I
E
= 50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
6
15
pF
Rank
Q
R
S
No-rank
hFE1
85 to 170
120 to 240
170 to 340
85 to 340
Marking
2SB0710
CQ
CR
CS
C
symbol
2SB0710A
DQ
DR
DS
D
Note) *1: Pulse measurement
*2: Rank classification
Product of no-rank is not classi-
fied and have no indication for
rank.


Similar Part No. - 2SB0710

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0710 PANASONIC-2SB0710 Datasheet
85Kb / 3P
   Silicon PNP epitaxial planar type
2SB0710A PANASONIC-2SB0710A Datasheet
85Kb / 3P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2SB0710

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com