Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1030A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB1030A
Description  Silicon PNP epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1030A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB1030A Datasheet HTML 1Page - Panasonic Semiconductor 2SB1030A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SB1030, 2SB1030A
Silicon PNP epitaxial planer type
For low-frequency amplification
Complementary to 2SD1423 and 2SD1423A
s Features
q
Optimum for high-density mounting.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
EIAJ:SC–72
3:Base
New S Type Package
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–30
–60
–25
–50
–7
–1
– 0.5
300
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
2SB1030
2SB1030A
2SB1030
2SB1030A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
VCE = –20V, IB = 0
IC = –10µA, IE = 0
IC = –2mA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –150mA
*2
VCE = –10V, IC = –500mA
*2
IC = –300mA, IB = –30mA
*2
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–30
–60
–25
–50
–7
85
40
typ
– 0.35
200
6
max
– 0.1
–1
340
– 0.6
15
Unit
µA
µA
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
2SB1030
2SB1030A
2SB1030
2SB1030A
*2 Pulse measurement


Similar Part No. - 2SB1030A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB1031 HITACHI-2SB1031 Datasheet
320Kb / 2P
   SILICON NPN EPITAXIAL LOW FREQUENCY POWER AMPLIFIER HIGH CURRENT SWITCHING
logo
Inchange Semiconductor ...
2SB1031 ISC-2SB1031 Datasheet
88Kb / 2P
   Complement to Type 2SD1435
logo
New Jersey Semi-Conduct...
2SB1031 NJSEMI-2SB1031 Datasheet
137Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Hitachi Semiconductor
2SB1031K HITACHI-2SB1031K Datasheet
451Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER COMPLEMENTARY PAIR WITH 2SD1435K
2SB1032 HITACHI-2SB1032 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results

Similar Description - 2SB1030A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1073 PANASONIC-2SB1073 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB774 PANASONIC-2SB774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1539 PANASONIC-2SB1539 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1592 PANASONIC-2SB1592 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1612 PANASONIC-2SB1612 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB873 PANASONIC-2SB873 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com