Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2030 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MDT2030
Description  8-bit micro-controller uses a fully static CMOS design technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT2030 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MDT2030 Datasheet HTML 1Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT2030 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MDT2030
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 4
2004/1
Ver. 1.3
(5) MSR (Memory Bank Select Register) : R4
Memory Bank Select Register :
00 : 10~1F
01 : 30~3F
10 : 50~5F
11 : 70~7F
b7
b6
b5
b4
b3
b2
b1
b0
Read only “1”
Indirect Addressing Mode
(6) PORT A : R5
PA3~PA0, I/O Register
(7) PORT B : R6
PB7~PB0, I/O Register
(8) TMR (Time Mode Register)
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2
—0
PS2
—0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit :
0
— RTCC
1
— Watchdog Timer
4
TCE
RTCC signal Edge :
0
— Increment on low-to-high transition on RTCC pin
1
— Increment on high-to-low transition on RTCC pin
5
TCS
RTCC signal set :
0
— Internal instruction cycle clock
1
— Transition on RTCC pin
(9) CPIO A, CPIO B (Control Port I/O Mode Register)
The CPIO register is “write-only”
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.


Similar Part No. - MDT2030

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2030 MDTIC-MDT2030 Datasheet
85Kb / 14P
   8-bit micro-controller
MDT2030 MDTIC-MDT2030 Datasheet
112Kb / 15P
   8-bit micro-controller
MDT2030 MDTIC-MDT2030 Datasheet
225Kb / 14P
   8-bit micro-controller
MDT2030AE MDTIC-MDT2030AE Datasheet
85Kb / 14P
   8-bit micro-controller
MDT2030CC MDTIC-MDT2030CC Datasheet
112Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2010 ETC1-MDT2010 Datasheet
76Kb / 17P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2051 ETC1-MDT2051 Datasheet
76Kb / 14P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2060 ETC1-MDT2060 Datasheet
75Kb / 12P
   8-bit micro-controller uses a fully static CMOS design technology
MDT10P73 ETC1-MDT10P73 Datasheet
94Kb / 21P
   This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
MDT10C23 ETC1-MDT10C23 Datasheet
190Kb / 19P
   Fully CMOS static design, 8-bit data bus,On chip ROM size : 2 K words
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
   Mask-ROM 8-Bit CMOS Micro-controller
logo
Freescale Semiconductor...
MC68HC05SU3A FREESCALE-MC68HC05SU3A Datasheet
1Mb / 80P
   Fully static chip design featuring the industry standard 8-bit M68HC05 core
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com