Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5800DM-T Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML5800DM-T
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM-T Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML5800DM-T Datasheet HTML 1Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 2Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 3Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 4Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 5Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 6Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 7Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 8Page - Micro Linear Corporation ML5800DM-T Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tRX2TX
Lock time for RX/TX
RXON Low to PAON high
62.5
µs
tWAKE
Lock up time from standby
XCEN high to Valid RX data, XCEN low
period >120 seconds
275
µs
fFREF
Reference signal frequency
6.144
12.288
MHz
MHz
VFREF
Reference signal input level
6.144MHz or 12.288MHz sine wave,
capacitively coupled
2.0
VCCA
VP-P
RECEIVER
Zin, S11
Input Impedance
at RXI
24.5+j28
NF
Input noise figure
5.725-5.850 GHz at RXI
4.0
dB
GRX
RX Gain
5.725-5.850 GHz, RXI to Limiter
80
dB
DRRX
Data Rate
1.536
Mbps
S
Input Sensitivity
<0.1% BER
-94
dBm
BWRX
RX Data Filter 3dB Bandwidth
Gaussian 5
th order
768
kHz
PIMAX
Maximum RX RF input
<0.1% BER at 1.536Mbit/sec
-10
dBm
IIP3
RX RF input IP3
Test tones 2 and 4 channels away
-27
dBm
PRXI
LO leakage at RXI
At 5.8GHz
-50
dBm
IRR
RX Chain Image rejection ratio
35
dB
ACR
RX adjacent channel(s) rejection.
2.56MHz channel spacing
Wanted at -80dBm
1 channel
2 channels
3 or more channels
15
40
45
dB
dB
dB
RECEIVE LOW IF FILTERS
fIFC
IF filter center frequency
Post-alignment
1.024
MHz
BWIFC
IF filter 3dB bandwidth
Post-alignment
1.408
MHz
LIMITER, AGC, AND FM DEMODULATOR
tOVLD
Recovery from overload
Transition time to switch from Pin = –
10dBm input to Pin = –90dBm, time to
valid RX data
20
µs
Co-Channel rejection, 0.1% BER
Wanted at CHx -80 dBm, unwanted at
CHx modulated with 1.536Mbps GFSK,
BT=0.5, PRBS data
-20
dB
VODC
Quiescent output voltage @
AOUT_TPC(pin 7), AOUT Mode
1.15
V
VOPK
Output voltage swing
AOUT_TPC(pin 7), AOUT Mode
0.8
VP-P
RSSI
tR_RSSI
RSSI rise time. < -100dBm to
-15dBm into the RF mixer
20pF loading on the RSSI output. Rise
time from 20% to 80%
5
µs
tF_RSSI
RSSI fall time. –15dBm to
< -100dBm into the IF mixer
20pF loading on the RSSI output. Fall
time from 80% to 20%
5
µs
VRSMX
RSSI maximum voltage
-10 dBm into RXI
2.7
V
VRSMD
RSSI midrange voltage
-40 dBm into RXI
2.5
V
VRSMN
RSSI minimum voltage
No signal applied
0.2
V
VRSMXC
RSSI maximum voltage (clipped)
-10 dBm into RXI
2.3
V
GRSSI
RSSI sensitivity
(V-40dBm – V-50dBm)/10dB
35
mV/dB
RSSI accuracy
Deviation from best fit straight line
±3
dB


Similar Part No. - ML5800DM-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800DM-T MICRO-LINEAR-ML5800DM-T Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
More results

Similar Description - ML5800DM-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
RF Micro Devices
ML5805 RFMD-ML5805 Datasheet
1Mb / 36P
   5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com