Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2964C25 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SM2964C25
Description  8-Bit Micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM2964C25 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SM2964C25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 11Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 12Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 13Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 14Page - List of Unclassifed Manufacturers SM2964C25 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
December 1998
Specifications subject to change without notice,contact your sales representatives for the most recent information.
11/15
Ver1.0 PID 2964 08/00
SyncMOS Technologies Inc.
SM2964
40L 600mil PDIP Information
A1
e1
B1
B
L
A
A2
D
S
eA
C
a
E1
E
Note:
1.Dimension D Max & S include mold flash or tie bar
2.Dimension E1 does not include inter lead flash.
3.Dimension D & E1 include mold mismatch and are
determined at the mold parting line.
4.Dimension B1 does not include dam bar protrusion/
5.Controlling dimension is inch.
6.General appearance spec. should base on final visual
Symbol
Dimension in inch
minimal/maximal
Dimension in mm
minimal/maximal
A
- / 0.210
- / 5.33
A1
0.010 / -
0.25 / -
A2
0.150 / 0.160
3.81 / 4.06
B
0.016 / 0.022
0.41 / 0.56
B1
0.048 / 0.054
1.22 / 1.37
C
0.008 / 0.014
0.20 / 0.36
D
- / 2.070
- / 52.58
E
0.590 / 0.610
14.99 / 15.49
E1
0.540 / 0.552
13.72 / 14.02
e1
0.090 / 0.110
2.29 / 2.79
L
0.120 / 0.140
3.05 / 3.56
a
0 / 15
0 / 15
eA
0.630 / 0.670
16.00 / 17.02
S
- / 0.090
- / 2.29
burrs.
infusion.
inspection spec.


Similar Part No. - SM2964C25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHH ETC-SM2965IHH Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHHK ETC-SM2965IHHK Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
More results

Similar Description - SM2964C25

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com