Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6611 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS6611
Description  High Efficiency Syncronous Step-up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS6611 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS6611 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6611 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.SiliconStandard.com
1 of 16
SS6610/11
Rev.2.01 11/06/2003
High Efficiency Synchronous
Step-up DC/DC Converter
FEATURES
High efficiency. (9 3 % when VIN=2.4V, VOUT=3.3V,
IOUT=200mA)
Output current up to 500mA. (SS6610 at VIN=2.4V
and VOUT=3.3V)
Quiescent supply current of 20
mA.
Power-saving shutdown mode (0.1
µA typical).
Internal synchronous rectifier (no external diode
required).
On-chip low-battery detector.
Low battery hysteresis
Space-saving package: MSOP-8
APPLICATIONS
Palmtop & Notebook Computers.
PDAs
Wireless Phones
Pocket Organizers.
Digital Cameras.
Hand-Held Devices with 1 to 3 Cells of
NiMH/NiCd Batteries.
DESCRIPTION
The SS6610/SS6611 are high-efficiency step-up
DC/DC converters, with a start-up voltage as low
as 0.8V, and an operating voltage down to 0.7V.
Consuming only 20
µA of quiescent current,
these devices include a built-in synchronous rec-
tifier that reduces size and cost by eliminating
the need for an external Schottky diode, and
improves overall efficiency by minimizing
losses.
The switching frequency can range up to
500KHz depending on the load and input volt-
age. The output voltage can be easily set; by
two external resistors or 1.8V to 5.5V; con-
necting FB to OUT to get 3.3V; or connecting
to GND to get 5.0V. The peak current of the
internal switch is fixed at 1.0A (SS6610) or
0.65A (SS6611) for design flexibility.
TYPICAL APPLICATION CIRCUIT
Output 3.3V, 5.0V
or Adj. (1.8V to
5.5V) up to
300mA
Low-battery
Detect Out
SS6610
SS6611
OUT
FB
GND
REF
LBO
SHDN
LX
LBI
+
ON
OFF
+
Low Battery
Detection
0.1
µF
VIN
22
µH
47
µF
47
µF


Similar Part No. - SS6611

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6611G SSC-SS6611G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
SS6611GOTR SSC-SS6611GOTR Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
More results

Similar Description - SS6611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com