Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853014BGLFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS853014BGLFT
Description  LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853014BGLFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS853014BGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS853014BGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
853014BG
www.icst.com/products/hiperclocks.html
REV. C MAY 13, 2005
3
Integrated
Circuit
Systems, Inc.
ICS853014
LOW SKEW, 1-TO-5
2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
N
E
nL
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S4
Q
:
0
Q4
Q
n
:
0
Q
n
10
0
K
L
C
P
n
,
0
K
L
C
PW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
11
1
K
L
C
P
n
,
1
K
L
C
PW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
00
0
K
L
C
P
n
,
0
K
L
C
Pd
e
l
b
a
n
Ed
e
l
b
a
n
E
01
1
K
L
C
P
n
,
1
K
L
C
Pd
e
l
b
a
n
Ed
e
l
b
a
n
E
n
i
n
w
o
h
s
s
a
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
n
r
e
t
f
A
r
u
g
i
F
e
.
1
s
a
s
t
u
p
n
i
1
K
L
C
P
n
,
1
K
L
C
P
d
n
a
0
K
L
C
P
n
,
0
K
L
C
P
e
h
t
f
o
n
o
i
t
c
n
u
f
a
e
r
a
s
t
u
p
t
u
o
e
h
t
f
o
e
t
a
t
s
e
h
t
,
e
d
o
m
e
v
i
t
c
a
e
h
t
n
I
n
i
d
e
b
i
r
c
s
e
d
.
B
3
e
l
b
a
T
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
t
i
r
a
l
o
P
1
K
L
C
P
r
o
0
K
L
C
P1
K
L
C
P
n
r
o
0
K
L
C
P
n4
Q
:
0
Q4
Q
n
:
0
Q
n
01
W
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
10
H
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
01
E
T
O
N
;
d
e
s
a
i
BW
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
11
E
T
O
N
;
d
e
s
a
i
BH
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
1
E
T
O
N
;
d
e
s
a
i
B0
H
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
1
E
T
O
N
;
d
e
s
a
i
B1
W
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
.
"
s
l
e
v
e
L
d
e
d
n
E
e
l
g
n
i
S
t
p
e
c
c
A
o
t
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
e
h
t
g
n
i
r
i
W
"
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
FIGURE 1. nEN TIMING DIAGRAM
Enabled
Disabled
nPCLK0, nPCLK1
PCLK0, PCLK1
nEN
nQ0:nQ4
Q0:Q4


Similar Part No. - ICS853014BGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853014BGLF IDT-ICS853014BGLF Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853014BGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
   Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
logo
Integrated Circuit Syst...
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
   LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
   Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
logo
Integrated Circuit Syst...
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com