Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5550 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5550
Description  Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5550 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5550 Datasheet HTML 2Page - Maxim Integrated Products MAX5550 Datasheet HTML 3Page - Maxim Integrated Products MAX5550 Datasheet HTML 4Page - Maxim Integrated Products MAX5550 Datasheet HTML 5Page - Maxim Integrated Products MAX5550 Datasheet HTML 6Page - Maxim Integrated Products MAX5550 Datasheet HTML 7Page - Maxim Integrated Products MAX5550 Datasheet HTML 8Page - Maxim Integrated Products MAX5550 Datasheet HTML 9Page - Maxim Integrated Products MAX5550 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual, 10-Bit, Programmable, 30mA
High-Output-Current DAC
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3.0V, GND = 0, VREFIN = +1.25V, internal reference, RFSADJ_ = 20k
Ω, TA = +25°C. unless otherwise noted).
GLITCH IMPULSE
MAX5548 toc10
VOUT_
AC-COUPLED
40ns/div
CS
1V/div
10mV/div
RLOAD = 65
CLOAD = 24pF
620
520
420
320
220
2.5
4.0
3.0
3.5
4.5
5.0
5.5
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD, CODE = 0x00
620
520
420
320
220
-40
10
-15
35
60
85
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD, CODE = 0x00
VDD = 5V
VDD = 3V
1.246
1.248
1.247
1.250
1.249
1.251
1.252
-40
10
-15
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD, CODE = 0x00
1.25100
1.25075
1.25050
1.25025
1.25000
2.5
4.0
3.0
3.5
4.5
5.0
5.5
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD, CODE = 0x00


Similar Part No. - MAX5550

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5550 MAXIM-MAX5550 Datasheet
493Kb / 14P
   MAX5550 Evaluation Kit
Rev 0; 3/08
MAX5550EVKIT MAXIM-MAX5550EVKIT Datasheet
493Kb / 14P
   MAX5550 Evaluation Kit
Rev 0; 3/08
More results

Similar Description - MAX5550

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
MAX5852 MAXIM-MAX5852 Datasheet
1Mb / 18P
   Dual, 8-Bit, 165Msps, Current-Output DAC
Rev 0; 4/04
logo
Analog Devices
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
   Dual 10-bit Nonvolatile DAC
logo
Maxim Integrated Produc...
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com