Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP580SQ15T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP580SQ15T1G
Description  Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP580SQ15T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP580SQ15T1G Datasheet HTML 1Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 2Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 3Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 4Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 5Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 6Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 7Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 8Page - ON Semiconductor NCP580SQ15T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP580
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 8. Output Voltage vs. Temperature
Figure 9. Output Voltage vs. Temperature
−25
0
25
50
TEMPERATURE (
°C)
100
1.54
1.52
1.51
1.50
1.49
1.48
1.47
1.46
−50
Vin = 2.5 V
Iout = 30 mA
−25
0
25
50
TEMPERATURE (
°C)
100
2.86
2.84
2.82
2.80
2.78
2.76
2.74
−50
1.53
75
75
Vin = 3.8 V
Iout = 30 mA
Vout = 1.5 V
Vout = 2.8 V
Figure 10. Quiescent Current vs. Temperature
Figure 11. Quiescent Current vs. Temperature
0
50
100
TEMPERATURE (
°C)
120
110
100
90
80
70
60
−50
Vout = 1.5 V
Vin = 2.5 V
050
100
TEMPERATURE (
°C)
120
110
100
90
80
70
60
−50
Vout = 2.8 V
Vin = 3.8 V
Figure 12. Dropout Voltage vs. Output Current
20
40
60
80
OUTPUT CURRENT Iout (mA)
120
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
Vout = 1.5 V
100
−40
°C
85
°C
25
°C
Figure 13. Dropout Voltage vs. Output Current
20
40
60
80
OUTPUT CURRENT Iout (mA)
120
0.25
0.20
0.15
0.10
0.05
0.00
0
Vout = 2.8 V
100
−40
°C
85
°C
25
°C


Similar Part No. - NCP580SQ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580SQ15T1G ONSEMI-NCP580SQ15T1G Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
More results

Similar Description - NCP580SQ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com